Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DB1188P Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DB1188P
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1188P Datasheet(HTML) 1 Page - Diodes Incorporated

  2DB1188P Datasheet HTML 1Page - Diodes Incorporated 2DB1188P Datasheet HTML 2Page - Diodes Incorporated 2DB1188P Datasheet HTML 3Page - Diodes Incorporated 2DB1188P Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2DB1188P/Q/R
PNP SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary NPN Type Available (2DD1766)
Ideally Suited for Automated Assembly Processes
Ideal for Medium Power Switching or Amplification Applications
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT89-3L
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish — Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking & Type Code Information: See Page 3
Ordering Information: See Page 3
Weight: 0.072 grams (approximate)
SOT89-3L
3
1
2,4
COLLECTOR
EMITTER
BASE
4
3
2
1
C
C
B
E
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-32
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-3
A
Continuous Collector Current
IC
-2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
1
W
Thermal Resistance, Junction to Ambient Air (Note 3) @ TA = 25°C
RθJA
125
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-40
V
IC = -50μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-32
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE = -50μA, IC = 0
Collector Cut-Off Current
ICBO
-1
μA
VCB = -20V, IE = 0
Emitter Cut-Off Current
IEBO
-1
μA
VEB = -4V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.35
-0.8
V
IC = -2A, IB = -0.2A
82
180
120
270
DC Current Gain
2DB1188P
2DB1188Q
2DB1188R
hFE
180
390
VCE = -3V, IC = -0.5A
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
120
MHz
IE = 0.1A, VCE = -5V,
f = 30MHz
Output Capacitance
Cob
20
pF
VCB = -10V, IE = 0,
f = 1MHz
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4.
Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
DS31144 Rev. 4 - 2
1 of 4
www.diodes.com
2DB1188P/Q/R
© Diodes Incorporated


Similar Part No. - 2DB1188P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1188P DIODES-2DB1188P Datasheet
151Kb / 6P
40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
Rev 5
2DB1188P-13 DIODES-2DB1188P-13 Datasheet
151Kb / 6P
40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
Rev 5
2DB1188P-13 DIODES-2DB1188P-13 Datasheet
287Kb / 7P
32V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7
2DB1188P DIODES-2DB1188P_11 Datasheet
151Kb / 6P
40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
Rev 5
2DB1188P DIODES-2DB1188P_15 Datasheet
287Kb / 7P
32V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7
More results

Similar Description - 2DB1188P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
DZT953 DIODES-DZT953_1 Datasheet
175Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 6 - 2
DCX52 DIODES-DCX52 Datasheet
229Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31155 Rev. 4 - 2
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31619 Rev. 2 - 2
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
PNP Transistor Surface Mount
logo
Diodes Incorporated
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 2
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 5
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com