Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DB1188Q-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DB1188Q-13
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1188Q-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  2DB1188Q-13 Datasheet HTML 1Page - Diodes Incorporated 2DB1188Q-13 Datasheet HTML 2Page - Diodes Incorporated 2DB1188Q-13 Datasheet HTML 3Page - Diodes Incorporated 2DB1188Q-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
0.2
0.4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs.
Ambient Temperature (Note 3)
A
0.6
0.8
1.0
0
0.001
0.01
0.1
1
10
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -3V
CE
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
T = 85°C
A
T = 150°C
A
T = -55°C
A
T = 25°C
A
V
= -3V
CE
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
DS31144 Rev. 4 - 2
2 of 4
www.diodes.com
2DB1188P/Q/R
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com