Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXT651 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DXT651
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT651 Datasheet(HTML) 2 Page - Diodes Incorporated

  DXT651 Datasheet HTML 1Page - Diodes Incorporated DXT651 Datasheet HTML 2Page - Diodes Incorporated DXT651 Datasheet HTML 3Page - Diodes Incorporated DXT651 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
80
⎯
⎯
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
60
⎯
⎯
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
⎯
⎯
V
IE = 100μA, IC = 0
Collector-Base Cutoff Current
ICBO
⎯
⎯
0.1
10
μA
VCB = 60V, IE = 0
VCB = 60V, IE = 0, TA = 100°C
Emitter-Base Cutoff Current
IEBO
⎯
⎯
0.1
μA
VEB = 4V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
0.08
0.23
0.3
0.6
V
V
IC = 1A, IB = 100mA
IC = 3A, IB = 300mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
0.85
1.25
V
IC = 1A, IB = 100mA
Base-Emitter Turn-On Voltage
VBE(ON)
⎯
0.8
1
V
VCE = 2V, IC = 1A
DC Current Gain
hFE
70
100
80
40
200
200
185
120
⎯
300
⎯
⎯
⎯
VCE = 2V, IC = 50mA
VCE = 2V, IC = 500mA
VCE = 2V, IC = 1A
VCE = 2V, IC = 2A
AC CHARACTERISTICS
Transition Frequency
fT
140
200
⎯
MHz
VCE = 5V, IC = 100mA, f = 100MHz
Output Capacitance
Cobo
⎯
⎯
30
pF
VCB = 10V, f = 1MHz
Switching Times
ton
toff
⎯
⎯
35
230
⎯
⎯
ns
ns
VCC = 10V. IC = 500mA,
IB1 = IB2 = 50mA
Notes:
4.
Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3)
A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
01
2
3
4
V
, COLLECTOR EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current vs.Collector-Emitter Voltage
5
I = 2mA
B
I = 4mA
B
I = 6mA
B
I = 8mA
B
I = 10mA
B
DS31184 Rev. 3 - 2
2 of 4
www.diodes.com
DXT651
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com