Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXT751 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DXT751
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT751 Datasheet(HTML) 2 Page - Diodes Incorporated

  DXT751 Datasheet HTML 1Page - Diodes Incorporated DXT751 Datasheet HTML 2Page - Diodes Incorporated DXT751 Datasheet HTML 3Page - Diodes Incorporated DXT751 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-80
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-60
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICBO
-0.1
-10
μA
μA
VCB = -60V, IE = 0
VCB = -60V, IE = 0, TA = 100°C
Emitter Cutoff Current
IEBO
-0.1
μA
VEB = -4V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.08
-0.2
-0.3
-0.6
V
IC = -1A, IB = -100mA
IC = -3A, IB = -300mA
Base-Emitter Saturation Voltage
VBE(SAT)
-0.9
-1.25
V
IC = -1A, IB = -100mA
Base-Emitter Turn-On Voltage
VBE(ON)
-0.8
-1
V
VCE = -2V, IC = -1A
DC Current Gain
hFE
70
100
80
40
200
180
160
140
300
VCE = -2V, IC = -50mA
VCE = -2V, IC = -500mA
VCE = -2V, IC = -1A
VCE = -2V, IC = -2A
AC CHARACTERISTICS
Transition Frequency
fT
100
145
MHz
VCE = -10V, IC = -50mA, f = 100MHz
Output Capacitance
Cobo
30
pF
VCB = -10V, f = 1MHz
Switching Times
ton
toff
45
200
ns
ns
IC = -500mA, VCC = -10V
IB1 = IB2 = -50mA
Notes:
4.
Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 1 Power Dissipation
vs. Ambient Temperature (Note 3)
-V
, COLLECTOR-EMITTER VOLTAGE (V)
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
CE
01
2
3
4
5
DS31185 Rev. 3 - 2
2 of 4
www.diodes.com
DXT751
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com