Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3018LSD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC3018LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3018LSD Datasheet(HTML) 6 Page - Diodes Incorporated

  DMC3018LSD Datasheet HTML 1Page - Diodes Incorporated DMC3018LSD Datasheet HTML 2Page - Diodes Incorporated DMC3018LSD Datasheet HTML 3Page - Diodes Incorporated DMC3018LSD Datasheet HTML 4Page - Diodes Incorporated DMC3018LSD Datasheet HTML 5Page - Diodes Incorporated DMC3018LSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DMC3018LSD
Package Outline Dimensions
GAUGE PLANE
SEATING PLANE
DETAIL A
DETAIL A
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
SOP-8L
Dim
Min
Max
A
-
1.75
A1
0.08
0.25
A2
1.30
1.50
A3
0.20 Typ.
b
0.3
0.5
D
4.80
5.30
E
5.79
6.20
E1
3.70
4.10
e
1.27 Typ.
h
-
0.35
L
0.38
1.27
θ
0
°
8
°
All Dimensions in mm
DMC3018LSD
Document number: DS31310 Rev. 7 - 2
6 of 6
www.diodes.com
October 2008
© Diodes Incorporated
Suggested Pad Layout
X
C1
C2
Y
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com