Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3035LSD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMC3035LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3035LSD Datasheet(HTML) 5 Page - Diodes Incorporated

  DMC3035LSD Datasheet HTML 1Page - Diodes Incorporated DMC3035LSD Datasheet HTML 2Page - Diodes Incorporated DMC3035LSD Datasheet HTML 3Page - Diodes Incorporated DMC3035LSD Datasheet HTML 4Page - Diodes Incorporated DMC3035LSD Datasheet HTML 5Page - Diodes Incorporated DMC3035LSD Datasheet HTML 6Page - Diodes Incorporated DMC3035LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMC3035LSD
P-CHANNEL
Fig. 10 Typical Output Characteristics
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
4
8
12
16
20
0
123
4
5
V
= -2.5V
GS
V
= -4.5V
GS
V
= -10V
GS
V
= -1.5V
GS
V
= -3.0V
GS
Fig. 11 Typical Transfer Characteristics
-V
, GATE SOURCE VOLTAGE (V)
GS
0
4
8
12
16
20
12
3
4
5
6
V
= -5V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
0.01
0.1
1
04
8
12
16
20
Fig. 12 Typical On-Resistance
vs. Drain Current and Gate Voltage
-I , DRAIN CURRENT (A)
D
V
= -4.5V
GS
V
= -10V
GS
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
02
4
68
10
Fig. 13 Typical On-Resistance
vs. Drain Current and Temperature
-I , DRAIN CURRENT (A)
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.6
0.8
1.0
1.2
1.4
1.6
Fig. 14 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= -4.5V
I = -4.2A
GS
D
V
= -10V
I = -5.3A
GS
D
10
100
1,000
0
5
10
15
20
25
30
Fig. 15 Typical Capacitance
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
C
oss
Crss
DMC3035LSD
Document number: DS31312 Rev. 3 - 2
5 of 7
www.diodes.com
October 2008
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com