Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3033LDM Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3033LDM
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3033LDM Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3033LDM Datasheet HTML 1Page - Diodes Incorporated DMN3033LDM Datasheet HTML 2Page - Diodes Incorporated DMN3033LDM Datasheet HTML 3Page - Diodes Incorporated DMN3033LDM Datasheet HTML 4Page - Diodes Incorporated DMN3033LDM Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMN3033LDM
Document number: DS31345 Rev. 4 - 2
2 of 5
www.diodes.com
July 2009
© Diodes Incorporated
DMN3033LDM
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
STATIC CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
30
⎯
⎯
V
ID = 250μA, VGS = 0V
Zero Gate Voltage Drain Current
TJ = 25°C
TJ = 55°C
IDSS
⎯
⎯
1
5
μA
VDS = 30V, VGS = 0V
Gate-Body Leakage Current
IGSS
⎯
⎯
±100
nA
VDS = 0V, VGS = ±20V
Gate Threshold Voltage
VGS(th)
1.0
⎯
2.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance (Note 5)
RDS (ON)
⎯
25
36
33
40
m
Ω
VGS = 10V, ID = 6.9A
VGS = 4.5V, ID = 5.0A
Forward Transconductance (Note 5)
gFS
⎯
5
⎯
S
VDS = 10V, ID = 8A
Diode Forward Voltage (Note 5)
VSD
⎯
0.7
1.1
V
IS = 2.25A, VGS = 0V
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
⎯
755
⎯
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
136
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
108
⎯
pF
Gate Resisitance
RG
⎯
0.89
⎯
Ω
VGS = 0V, VDS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
⎯
6.4
13.0
⎯
nC
VGS = 4.5V, VDS = 15V, ID = 5A
VGS = 10V, VDS = 15V, ID = 6.9A
Gate-Source Charge
Qgs
⎯
1.9
⎯
nC
VGS = 10V, VDS = 15V, ID = 6.9A
Gate-Drain Charge
Qgd
⎯
3.2
⎯
nC
VGS = 10V, VDS = 15V, ID = 6.9A
Turn-On Delay Time
tD(on)
⎯
11
⎯
ns
VDD = 15V, VGS = 10V,
RD = 1.8Ω, RG = 6Ω
Turn-On Rise Time
tr
⎯
7
⎯
ns
Turn-Off Delay Time
tD(off)
⎯
63
⎯
ns
Turn-Off Fall Time
tf
⎯
30
⎯
ns
Notes:
5. Test pulse width t = 300ms.
6. Guaranteed by design. Not subject to production testing.
0
2
4
6
8
10
12
14
16
18
20
01
2
3
4
V
= 5V
Pulsed
DS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com