Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3098LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP3098LSD
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3098LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP3098LSD Datasheet HTML 1Page - Diodes Incorporated DMP3098LSD Datasheet HTML 2Page - Diodes Incorporated DMP3098LSD Datasheet HTML 3Page - Diodes Incorporated DMP3098LSD Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMP3098LSD
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Dual P-Channel MOSFET
•
Low On-Resistance
•
65m
Ω @ VGS = -10V
•
115m
Ω @ VGS = -4.5V
•
Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Lead Free By Design/RoHS Compliant (Note 2)
•
"Green" Device (Note 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOP-8L
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper lead
frame. Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.072g (approximate)
D
2
S
2
G
2
D
1
S
1
G
1
P-Channel MOSFET
P-Channel MOSFET
SOP-8L
S1
D2
S2
D1
G2
G1
D1
D2
TOP VIEW
Internal Schematic
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 1)
Steady
State
TA = 25°C
TA = 70°C
ID
-4.4
-3.3
A
Pulsed Drain Current (Note 3)
IDM
-15
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
PD
1.8
W
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
70
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1.
Device mounted on 2 oz. 1” x 1” Copper pads on 2” x 2” FR-4 PCB.
2.
No purposefully added lead.
3.
Pulse width
≤10μS, Duty Cycle ≤1%.
4.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DMP3098LSD
Document number: DS31448 Rev. 3 - 2
1 of 4
www.diodes.com
October 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - DMP3098LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3098LSS DIODES-DMP3098LSS Datasheet
206Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS31265 Rev. 4 - 2
DMP3098LSS-13 DIODES-DMP3098LSS-13 Datasheet
206Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS31265 Rev. 4 - 2
DMP3098LSS DIODES-DMP3098LSS_15 Datasheet
206Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev 4
More results

Similar Description - DMP3098LSD

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31494 Rev. 4 - 2
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31540 Rev. 3 - 2
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31940 Rev. 3 - 2
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31975 Rev. 5 - 2
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308_08 Datasheet
218Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Calogic, LLC
3N190 CALOGIC-3N190_15 Datasheet
37Kb / 2P
Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com