Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF10100CT Datasheet(PDF) 1 Page - Diotech Company.

Part # MBRF10100CT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MBRF10100CT Datasheet(HTML) 1 Page - Diotech Company.

  MBRF10100CT Datasheet HTML 1Page - Diotech Company. MBRF10100CT Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF1020CT THRU MBRF10100CT
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 10.0 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Dimensions in inches and (millimeters)
ITO-220AB
.386(9.8)
.406(10.3)
.118(3.0)
.102(2.6)
.189(4.8)
.173(4.4)
.114(2.9)
.098(2.5)
.059(1.5)
.043(1.1)
.055(1.4)
.071(1.8)
.531(13.5)
.571(14.5)
.088(2.24)
.112(2.84)
.138(3.5)
.122(3.1)
.610(15.5)
.571(14.5)
.118(3.0)
.106(2.7)
.020(0.51)
.030(0.76)
.030(0.76)
.020(0.51)
.157(4.0)
.142(3.6)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
Case: JEDEC ITO-220AB molded plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
High temperature soldering guaranteed:
250oC/10 seconds, 0.25" (6.35mm) from case
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
Characteristic
Symbol
MBRF
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
45
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
32
35
42
56
70
V
Average Rectified Output Current @TC = 95°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 5.0A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 1)
Cj
700
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1020CT
MBRF
1030CT
MBRF
1040CT
MBRF
1045CT
MBRF
1050CT
MBRF
1060CT
MBRF
1080CT
MBRF
10100CT
PIN 1 -
+
PIN 3 -
PIN 2
●
●
●
●
●
●
●
●
●
●
●
●
●


Similar Part No. - MBRF10100CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF10100CT MCC-MBRF10100CT Datasheet
390Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vaishali Semiconductor
MBRF10100CT VAISH-MBRF10100CT Datasheet
83Kb / 3P
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
logo
Vishay Siliconix
MBRF10100CT VISHAY-MBRF10100CT Datasheet
78Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Apr-03
logo
GOOD-ARK Electronics
MBRF10100CT GOOD-ARK-MBRF10100CT Datasheet
191Kb / 2P
Dual High-Voltage Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF10100CT TSC-MBRF10100CT Datasheet
164Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF10100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com