Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC4400FN Datasheet(PDF) 1 Page - ebm-papst

Part # AC4400FN
Description  Compact Axial Fan
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC4400FN Datasheet(HTML) 1 Page - ebm-papst

  AC4400FN Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACmaxx 4400 FN
Compact Axial Fan
ebm-papst introduces an extension of our AC product line with the new 119 mm ACmaxx tubeaxial fan
series AC 4400 FN.
The AC 4400 FN series once again consists of our proven external rotor motor with completely inte-
grated drive and control electronics. Please check
back with us regarding availablity of additional
ACmaxx tubeaxial fan sizes.
General Data
Nominal Voltage
V AC
115 / 230 (50 / 60 Hz)
Voltage Range
V AC
85 ... 265
Nominal Speed
min-1
5 000
Max. flow rate
m3/h
207
Max. flow rate
CFM
121.8
Noise free air
dB(A)
52.5
Power consumption
W
12
Permanent ambient temperature
°C
-20 ... +70
at max. voltage
Service life (70 °C)
h
30 000
Service life (40 °C)
h
60 000
Fan housing / impeller
PBTP / PA
Bearing system
Ball bearings
Mass
g
375
030
60
90
120
150
50
100
150
S
m³/h
V
200
250
CFM
25
50
75
150
100
125
119
57.9
25.4
6
tinned
104
+ 0.3
+ 0.3
+ 0.5
+ 0.5
+ 0.15
+ 0.15
+ 1
+ 1
+ 0.2
+ 0.2
Features
Wide input voltage range,
85 ... 265 V AC
High efficiency – very low power con-
sumption
High reliability L
10
Speed control, tacho / alarm signals etc.
are available
Safety UL; CSA; VDE; CCC; CE
EMI
> EN61000-4-4 Level 1 (1 kV)B
> EN61000-4-2 Level 8 kV/15 kV
> EN61000-4-3
> EN61000-4-6
> EN61000-4-8
> EN55022 Class B
Optional: improved humidity protection


Similar Part No. - AC4400FN

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC4400FN EBMPAPST-AC4400FN Datasheet
1Mb / 15P
ACmaxx / i-maxx
AC4400FNN EBMPAPST-AC4400FNN Datasheet
1Mb / 15P
ACmaxx / i-maxx
AC4400FNN EBMPAPST-AC4400FNN Datasheet
168Kb / 4P
AC axial compact fan
More results

Similar Description - AC4400FN

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6100NM EBMPAPST-AC6100NM Datasheet
197Kb / 1P
Compact Axial Fan
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
AC axial compact fan
logo
Molex Electronics Ltd.
AC3200JH MOLEX10-AC3200JH Datasheet
174Kb / 4P
AC axial compact fan
logo
ebm-papst
252N EBMPAPST-252N Datasheet
282Kb / 3P
DC axial compact fan
255H EBMPAPST-255H Datasheet
289Kb / 4P
DC axial compact fan
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
414J EBMPAPST-414J Datasheet
314Kb / 4P
DC axial compact fan
3212JH EBMPAPST-3212JH Datasheet
523Kb / 4P
DC axial compact fan
3214JH4 EBMPAPST-3214JH4 Datasheet
523Kb / 4P
DC axial compact fan
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
DC axial compact fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com