Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC6100NM Datasheet(PDF) 1 Page - ebm-papst

Part # AC6100NM
Description  Compact Axial Fan
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC6100NM Datasheet(HTML) 1 Page - ebm-papst

  AC6100NM Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACmaxx 6100 NM
Compact Axial Fan
ebm-papst introduces an extension of our AC product line with the new 6-inch ACmaxx tubeaxial fan
series AC 6100 NM.
The AC 6100 NM series once again consists of our proven external rotor motor with completely inte-
grated drive and control electronics. Please check back with us regarding availablity of additional
ACmaxx tubeaxial fan sizes
General Data
Nominal Voltage
V AC
115 / 230 (50 / 60 Hz)
Voltage Range
V AC
85 ... 265
Nominal Speed
min-1
2 850
Max. flow rate
m3/h
350
Max. flow rate
CFM
206
Noise free air
dB(A)
50
Power consumption
W
13.5
Permanent ambient temperature
°C
-20 ... +70
at max. voltage
Service life (70 °C)
h
35 000
Service life (40 °C)
h
70 000
Fan housing / impeller
PBTP / PA
Bearing system
Ball bearings
Mass
g
675
0
40
80
120
160
200
100
25
50
75
200
m³/h
V
•
100
125
150
300
S
CFM
Features
• Wide input voltage range,
85 ... 265 V AC
• High efficiency – very low power con-
sumption
• High reliability L
10
• Speed control, tacho / alarm signals etc.
are available
• Safety UL; CSA; VDE; CCC; CE
• EMI
> EN61000-4-4 Level 1 (1 kV)B
> EN61000-4-2 Level 8 kV/15 kV
> EN61000-4-3
> EN61000-4-6
> EN61000-4-8
> EN55022 Class B
• Optional: improved humidity protection
or IP 54


Similar Part No. - AC6100NM

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6100NM EBMPAPST-AC6100NM Datasheet
100Kb / 3P
AC axial compact fan
AC6100NM EBMPAPST-AC6100NM Datasheet
1Mb / 15P
ACmaxx / i-maxx
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
AC axial compact fan
More results

Similar Description - AC6100NM

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC4400FN EBMPAPST-AC4400FN Datasheet
77Kb / 1P
Compact Axial Fan
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
AC axial compact fan
logo
Molex Electronics Ltd.
AC3200JH MOLEX10-AC3200JH Datasheet
174Kb / 4P
AC axial compact fan
logo
ebm-papst
252N EBMPAPST-252N Datasheet
282Kb / 3P
DC axial compact fan
255H EBMPAPST-255H Datasheet
289Kb / 4P
DC axial compact fan
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
414J EBMPAPST-414J Datasheet
314Kb / 4P
DC axial compact fan
3212JH EBMPAPST-3212JH Datasheet
523Kb / 4P
DC axial compact fan
3214JH4 EBMPAPST-3214JH4 Datasheet
523Kb / 4P
DC axial compact fan
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
DC axial compact fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com