Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DB1697 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DB1697
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1697 Datasheet(HTML) 1 Page - Diodes Incorporated

  2DB1697 Datasheet HTML 1Page - Diodes Incorporated 2DB1697 Datasheet HTML 2Page - Diodes Incorporated 2DB1697 Datasheet HTML 3Page - Diodes Incorporated 2DB1697 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2DB1697
Document number: DS31618 Rev. 2 - 2
1 of 4
www.diodes.com
December 2008
© Diodes Incorporated
2DB1697
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Ideally Suited for Automated Assembly Processes
Ideal for Medium Power Switching or Amplification Applications
Complementary NPN Type Available (2DD2661)
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT89-3L
Case Material: Molded Plastic, "Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Finish — Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.072 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-15
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-4
A
Continuous Collector Current
IC
-2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
0.9
W
Thermal Resistance, Junction to Ambient Air (Note 3) @ TA = 25°C
RθJA
139
°C/W
Power Dissipation (Note 4) @ TA = 25°C
PD
2
W
Thermal Resistance, Junction to Ambient Air (Note 4) @ TA = 25°C
RθJA
62.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
-15
V
IC = -10μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
-12
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
V
IE = -10μA, IC = 0
Collector Cut-Off Current
ICBO
-0.1
μA
VCB = -15V, IE = 0
Emitter Cut-Off Current
IEBO
-0.1
μA
VEB = -6V, IC = 0
ON CHARACTERISTICS (Note 5)
Collector-Emitter Saturation Voltage
VCE(SAT)
-65
-180
mV
IC = -1A, IB = -50mA
DC Current Gain
hFE
270
680
VCE = -2V, IC = -200mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
40
pF
VCB = -10V, IE = 0,
f = 1MHz
Current Gain-Bandwidth Product
fT
140
MHz
VCE = -2V, IC = -100mA,
f = 100MHz
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB with minimum recommended pad layout.
4.
Device mounted on FR-4 PCB with 1 inch
2 copper pad layout.
5.
Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
Top View
Device Schematic
Pin Out Configuration
3
1
2,4
COLLECTOR
EMITTER
BASE
4
3
2
1
C
C
B
E
TOP VIEW
Please click here to visit our online spice models database.


Similar Part No. - 2DB1697

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1697 DIODES-2DB1697_15 Datasheet
98Kb / 5P
2DB1697_15
Rev 3
More results

Similar Description - 2DB1697

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31280 Rev. 2 - 2
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31325 Rev. 3 - 2
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31327 Rev. 3 - 2
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31591 Rev. 2 - 2
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31660 Rev. 2 - 2
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 3
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 4
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com