Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DA1797 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 2DA1797
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1797 Datasheet(HTML) 4 Page - Diodes Incorporated

  2DA1797 Datasheet HTML 1Page - Diodes Incorporated 2DA1797 Datasheet HTML 2Page - Diodes Incorporated 2DA1797 Datasheet HTML 3Page - Diodes Incorporated 2DA1797 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2DA1797
Document number: DS31619 Rev. 2 - 2
4 of 4
www.diodes.com
December 2008
© Diodes Incorporated
2DA1797
Ordering Information (Note 6)
Part Number
Case
Packaging
2DA1797-13
SOT89-3L
2500/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
SOT89-3L
Dim
Min
Max
Typ
A
1.40
1.60
1.50
B
0.45
0.55
0.50
B1
0.37
0.47
0.42
C
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.50
1.70
1.60
E
2.40
2.60
2.50
e
—
—
1.50
H
3.95
4.25
4.10
L
0.90
1.20
1.05
All Dimensions in mm
Dimensions Value (in mm)
X1
1.7
X2
0.9
X3
0.4
Y1
2.7
Y2
1.3
Y3
1.9
C
3.0
1797 = Product Type Marking Code
YWW = Date Code Marking
Y = Last digit of year (ex: 8 = 2008)
WW = Week code 01 - 52
e
D
H
L
A
C
E
8° (4
X)
B1
B
D1
R
0.
20
0
Y1
X3
X2
X1
Y3
Y2
C
1797
YWW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com