Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1694N Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1694N
Description  3-Phase Brushless Motor Driver????
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1694N Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1694N Datasheet HTML 1Page - Sanyo Semicon Device LB1694N Datasheet HTML 2Page - Sanyo Semicon Device LB1694N Datasheet HTML 3Page - Sanyo Semicon Device LB1694N Datasheet HTML 4Page - Sanyo Semicon Device LB1694N Datasheet HTML 5Page - Sanyo Semicon Device LB1694N Datasheet HTML 6Page - Sanyo Semicon Device LB1694N Datasheet HTML 7Page - Sanyo Semicon Device LB1694N Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electric Characteristics at Ta=25 °C, VCC =5 V, VM =30 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC
Forward
13
19
mA
Output saturation voltage
VOsat1
IO = 1 A, VO (sink) + VO (source)
2.1
3.0
V
VOsat2
IO = 2 A, VO (sink) + VO (source)
3.0
4.2
V
Output leak current
IO(leak)
100
µA
Hall amplifier
Input bias current
IHB
14
µA
Common-mode input voltage
range
VICM
1.5
3.2
V
Hysteresis width
∆VIN
21
30
37
mV
Input voltage L
→ HVSLH
515
25
mV
Input voltage H
→ LVSHL
–25
–15
–5
mV
FG pin (rate pulse output)
Low level output voltage
VFGL
IFG = 5 mA
0.4
V
Pull-up resistance
RFG
7.5
10
12.5
k
Ω
F/R operation Forward
VFR1
0
0.8
V
F/R operation Reverse
VFR2
4.2
5.0
V
Current limit operation limiter
VRF
0.42
0.5
0.6
V
Thermal shutdown operation
temperature
TSD
Design target
120
150
°C
Hysteresis width
∆TSD
Design target
30
°C
Reduced voltage protection
operation voltage
VLVSD
3.5
3.8
4.1
V
Reduced voltage protection
release voltage
VLVSD(OFF)
4.3
4.5
V
Hysteresis width
∆VLVSD
0.4
0.5
0.6
V
C pin charge current
ICL
R=33k
Ω
30
40
50
µA
C pin discharge current
ICH
R=33k
Ω
90
120
150
µA
C pin charge start voltage
VCL
R=33k
Ω
0.3
0.4
0.5
V
C pin discharge start voltage
VCH
R=33k
Ω
1.5
2.0
2.5
V
Output current neglect time
tsm
R=33k
Ω, C = 4700 pF
58
68
78
µs
Output off time
tso
R=33k
Ω, C = 4700 pF
164
193
222
µs
Ambient temperature, Ta — °C
With arbitrarily large
heat sink
Independent IC
LB1694N
No.5243-2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com