Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DC4672 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DC4672
Description  NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DC4672 Datasheet(HTML) 1 Page - Diodes Incorporated

  2DC4672 Datasheet HTML 1Page - Diodes Incorporated 2DC4672 Datasheet HTML 2Page - Diodes Incorporated 2DC4672 Datasheet HTML 3Page - Diodes Incorporated 2DC4672 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2DC4672
Document number: DS31636 Rev. 3 - 2
1 of 4
www.diodes.com
February 2010
© Diodes Incorporated
2DC4672
NPN SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
Complementary PNP Type Available (2DA1797)
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT89-3L
•
Case Material: Molded Plastic, "Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish — Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.055 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Peak Pulse Current
ICM
6
A
Continuous Collector Current
IC
3
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
0.9
W
Thermal Resistance, Junction to Ambient Air (Note 3) @ TA = 25°C
RθJA
139
°C/W
Power Dissipation (Note 4) @ TA = 25°C
PD
2
W
Thermal Resistance, Junction to Ambient Air (Note 4) @ TA = 25°C
RθJA
62.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
60
⎯
⎯
V
IC = 50μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
50
⎯
⎯
V
IC = 1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
⎯
⎯
V
IE = 50μA, IC = 0
Collector Cut-Off Current
ICBO
⎯
⎯
0.1
μA
VCB = 60V, IE = 0
Emitter Cut-Off Current
IEBO
⎯
⎯
0.1
μA
VEB = 5V, IC = 0
ON CHARACTERISTICS (Note 5)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
105
350
mV
IC = 1A, IB = 50mA
DC Current Gain
hFE
82
45
⎯
⎯
270
⎯
⎯
VCE = 2V, IC = 500mA
VCE = 2V, IC = 1.5A
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
17
⎯
pF
VCB = 10V, IE = 0,
f = 1MHz
Current Gain-Bandwidth Product
fT
⎯
180
⎯
MHz
VCE = 2V, IC = 100mA,
f = 100MHz
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB with minimum recommended pad layout.
4.
Device mounted on FR-4 PCB with 1 inch
2 copper pad layout.
5.
Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
Top View
Device Schematic
Top View
Pin Out Configuration
4
3
2
1
C
C
B
E
3
1
2,4
COLLECTOR
EMITTER
BASE


Similar Part No. - 2DC4672

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DC4617Q DIODES-2DC4617Q Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 4 - 2
2DC4617Q DIODES-2DC4617Q Datasheet
347Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 8 - 2
2DC4617Q DIODES-2DC4617Q Datasheet
110Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
2DC4617Q-7-F DIODES-2DC4617Q-7-F Datasheet
347Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 8 - 2
2DC4617Q-7-F DIODES-2DC4617Q-7-F Datasheet
110Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
More results

Similar Description - 2DC4672

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30707 Rev. 6 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30796 Rev. 6 - 2
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30946 Rev. 3 - 2
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31148 Rev. 3 - 2
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
NPN SURFACE MOUNT TRANSISTOR
DS31157 Rev. 3 - 2
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31158 Rev. 4 - 2
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31229 Rev. 2 - 2
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 5
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com