Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3031LSS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3031LSS
Description  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3031LSS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3031LSS Datasheet HTML 1Page - Diodes Incorporated DMN3031LSS Datasheet HTML 2Page - Diodes Incorporated DMN3031LSS Datasheet HTML 3Page - Diodes Incorporated DMN3031LSS Datasheet HTML 4Page - Diodes Incorporated DMN3031LSS Datasheet HTML 5Page - Diodes Incorporated DMN3031LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN3031LSS
Document number: DS31650 Rev. 3 - 2
1 of 6
www.diodes.com
July 2009
© Diodes Incorporated
DMN3031LSS
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Low On-Resistance
•
18.5m
Ω @ VGS = 10V
•
31m
Ω @ VGS = 4.5V
•
Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Lead Free By Design/RoHS Compliant (Note 2)
•
"Green" Device (Note 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper lead
frame. Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.072g (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 1)
Steady
State
TA = 25°C
TA = 70°C
ID
9
6.75
A
Pulsed Drain Current (Note 3)
IDM
40
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
PD
2.5
W
Thermal Resistance, Junction to Ambient
RθJA
50
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1.
Device mounted on 2 oz copper pad layout with RθJA = 50°C/W.
2.
No purposefully added lead.
3.
Pulse width
≤10μS, Duty Cycle ≤1%.
4.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
SOP-8L
TOP VIEW
Internal Schematic
TOP VIEW
S
D
D
G
D
D
S
S
Please click here to visit our online spice models database.


Similar Part No. - DMN3031LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3030LFG DIODES-DMN3030LFG Datasheet
272Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 5
DMN3030LFG-13 DIODES-DMN3030LFG-13 Datasheet
278Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 5
DMN3030LFG-13 DIODES-DMN3030LFG-13 Datasheet
272Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 5
DMN3030LFG-7 DIODES-DMN3030LFG-7 Datasheet
278Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 5
DMN3030LFG-7 DIODES-DMN3030LFG-7 Datasheet
272Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 5
More results

Similar Description - DMN3031LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3007LSS DIODES-DMN3007LSS Datasheet
157Kb / 5P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31460 Rev. 5 - 2
DMN3112SSS DIODES-DMN3112SSS Datasheet
194Kb / 4P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31582 Rev. 1 - 2
DMN3052LSS DIODES-DMN3052LSS Datasheet
175Kb / 5P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31583 Rev. 3 - 2
DMN3030LSS DIODES-DMN3030LSS_15 Datasheet
257Kb / 6P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 12
logo
HUAYI MICROELECTRONICS ...
HY1303C HUAYI-HY1303C Datasheet
532Kb / 8P
Single N-Channel Enhancement Mode MOSFET
HY1803C2 HUAYI-HY1803C2 Datasheet
1Mb / 9P
Single N-Channel Enhancement Mode MOSFET
HYG014N03LS1C2 HUAYI-HYG014N03LS1C2 Datasheet
1Mb / 9P
Single N-Channel Enhancement Mode MOSFET
HY1904C2 HUAYI-HY1904C2 Datasheet
1Mb / 9P
Single N-Channel Enhancement Mode MOSFET
HY030N06C2 HUAYI-HY030N06C2 Datasheet
828Kb / 9P
Single N-Channel Enhancement Mode MOSFET
HY1910C2 HUAYI-HY1910C2 Datasheet
2Mb / 9P
Single N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com