Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB5920B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMB5920B
Description  VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB5920B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMB5920B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB5920B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB5920B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMB59xxB Series
VOLTAGE 6.2 V ~ 200 V
1.5 Watts Surface Mount Zener Diode
Elektronische Bauelemente
20-Oct-2010 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
 Glass passivated chip
 Low leakage
 Built-in strain relief
 Low inductance
 High peak reverse power dissipation
 Lead (Pb)-free component
 For use in stabilizing and clipping circuits with high
power rating
MECHANICAL DATA
 Case:SMB
 Epoxy:UL 94V-0 rate flame retardant
 Polarity:Laser band denotes cathode end
 Weight:0.095 grams (Approximately)
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SMB
3K
13’ inch
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNITS
DC Power Dissipation at TL=50°C (Note 1)
PD
1.5
W
Maximum Forward Voltage at IF = 200mA
VF
1.5
V
Junction Temperature Range
TJ
-55 ~ + 150
°C
Storage Temperature Range
TSTG
-55 ~ + 150
°C
Notes:
1.
TL = Lead temperature at 3/8” (9.5mm) from body.
SMB
A
B
E
G
D
F
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.70
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
2.13
2.44
H
0.15
0.305


Similar Part No. - SMB5920B

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMB5920B DCCOM-SMB5920B Datasheet
49Kb / 2P
RECTIFIER SPECIALISTS
logo
SeCoS Halbleitertechnol...
SMB5920B SECOS-SMB5920B Datasheet
238Kb / 3P
1.5 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMB5920B ANOVA-SMB5920B Datasheet
307Kb / 3P
Surface Mount Zener Diodes
logo
Shanghai Shunye Electro...
SMB5920B SHUNYE-SMB5920B Datasheet
474Kb / 4P
SILICON ZENER DIODES
V2.22
More results

Similar Description - SMB5920B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB5926 PANJIT-1SMB5926 Datasheet
87Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
1.5 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
SMA5921 SECOS-SMA5921 Datasheet
317Kb / 4P
1.5 Watts Surface Mount Zener Diode
logo
First Components Intern...
1SMA5921B FCI-1SMA5921B Datasheet
1Mb / 3P
1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
SUNMATE electronic Co.,...
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
1.5 Watts Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB Datasheet
238Kb / 3P
1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com