Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5330 Datasheet(PDF) 13 Page - Texas Instruments

Part # GC5330
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5330 Datasheet(HTML) 13 Page - Texas Instruments

Back Button GC5330 Datasheet HTML 9Page - Texas Instruments GC5330 Datasheet HTML 10Page - Texas Instruments GC5330 Datasheet HTML 11Page - Texas Instruments GC5330 Datasheet HTML 12Page - Texas Instruments GC5330 Datasheet HTML 13Page - Texas Instruments GC5330 Datasheet HTML 14Page - Texas Instruments GC5330 Datasheet HTML 15Page - Texas Instruments GC5330 Datasheet HTML 16Page - Texas Instruments GC5330 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Mux
and
Sum
1to4 Tx
Streams
BUC
TXBlock
Envelope
Tracking
Block
TXBB
IF
NCO
FIR
1x,2x
Farrow
1024x
1–
1–12 ChannelDUCBlock
CIC
1–3x
X
NCO
UC
1/2x
UC
1/2/4x
CFR
DPD
1–2Streams
80%BW,
90dBstop
1/2/3/4x
80%BW,
90dBstop;
90%BW,
80%dBstop
40%BW,
90dBstop
Includes
16-tapEq
IF
Sum
B0446-01
R2C;
Format;
feAGC;
DC Offset
Correction
1 to 9
ADC
Inputs
1/2/4 Streams
IF
Mux
DVGA Outputs
When I/Q
correction
enabled,
IF NCO
is disabled
RX Block
RX
Equalizer
16 Taps
I/Q
Imbalance
Correction
BDC
1/2/4/8/16´
Mux
RX BB
FIR
1 , 2x
´
Farrow
1024
1–
´
1–12 Channel DDC Block
CIC
1–3´
X
NCO
IF NCO
IF NCO
X
X
B0447-01
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
The two GC533x PLLs require a filtered power supply. The supply can be generated by filtering the digital supply
(VDDS1, VSSA1, VDDS2, and VSSA2). A representative filter is shown in Figure 8. The two PLLs should have
separate filters that are located as close as is reasonable to their respective pins (especially the bypass
capacitors). The ferrite beads should be series 50R (similar to Murata P/N: BLM31P500SPT, Description: IND FB
BLM31P500SPT 50R 1206).
Sub-Chip Descriptions
Figure 9 shows the TX functional block diagram, and Figure 10 shows the RX functional block diagram. Note that
each figure shows up to four DUC or DDC blocks in the TX or RX paths, and there are a total of four DDUC
blocks that may be configured as either DUC or DDC each.
Figure 9. TX Functional Block Diagram
Figure 10. RX Functional Block Diagram
TX Baseband Input Formatter
The TX baseband (BB) input-formatter block accepts TX baseband inputs from the FPGA or baseband processor
and formats them for the DUC blocks. There are 12 unidirectional LVDS pairs for the TX input formatter, and
their function depends on the operational mode. There are three operational modes for the TX BB input
formatter: byte mode (B, 8 or 9 bits), nibble mode (N, 4 bits), and serial mode (S, 2 bits) to allow multiple BB
input rates. The GC533x can accept up to three different BB input data rates. Table 2 and Table 3 summarize
each mode and the pin assignments. In Table 3, BBIN[X] is the BBIN differential pair (assumed positive and
negative connections), and BB0, BB1, and BB2 represent three different TX baseband ports at arbitrary rates.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com