Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3060CTP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR3060CTP
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR3060CTP Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR3060CTP Datasheet HTML 1Page - Diodes Incorporated MBR3060CTP Datasheet HTML 2Page - Diodes Incorporated MBR3060CTP Datasheet HTML 3Page - Diodes Incorporated MBR3060CTP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR3060CTP
Document number: DS31961 Rev. 2 - 2
1 of 4
www.diodes.com
December 2010
© Diodes Incorporated
MBR3060CTP
30A SCHOTTKY BARRIER RECTIFIER
Features
•
Low Forward Voltage Drop
•
Soft, Fast Switching Capability
•
Schottky Barrier Chip
•
ITO-220S Heat Sink Tab Electrically Isolated from Cathode
•
UL Approval in Accordance with UL 1557, Reference No.
E94661
Mechanical Data
•
Case: ITO-220S
•
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
•
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 1.335 grams (approximate)
Ordering Information (Note 1)
Part Number
Case
Packaging
MBR3060CTP
ITO-220S
50 pieces/tube
Notes:
1. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Pin Out
Configuration
Top View
1
2
3
4
Anode
Common
Cathode
Anode
Isolated
Bottom View
MBR3060CTP = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 09 = 2009)
WW = Week (01 - 53)
3060CTP
YYWW
AB
MBR


Similar Part No. - MBR3060CTP

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR3060CTP SMC-MBR3060CTP Datasheet
132Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBR3060CTP SMCDIODE-MBR3060CTP Datasheet
190Kb / 4P
MBR3060CTP SCHOTTKY RECTIFIER
Rev. A
logo
Diodes Incorporated
MBR3060CTP DIODES-MBR3060CTP_15 Datasheet
85Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 3
More results

Similar Description - MBR3060CTP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2535CT DIODES-MBR2535CT Datasheet
65Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
MBR3030PT DIODES-MBR3030PT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
S9004P2CT DIODES-S9004P2CT Datasheet
62Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23027 Rev. P-5
MBR3030PT DIODES-MBR3030PT_15 Datasheet
68Kb / 3P
30A SCHOTTKY BARRIER RECTIFIER
Rev erse
MBRF3045CT DIODES-MBRF3045CT_15 Datasheet
491Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 4
MBRF30100CT DIODES-MBRF30100CT_15 Datasheet
215Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 5
MBR3060CTP DIODES-MBR3060CTP_15 Datasheet
85Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 3
SBL3060CTP DIODES-SBL3060CTP_15 Datasheet
78Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 6
logo
Wisdom technologies Int...
MBRF30150CT WISDOM-MBRF30150CT Datasheet
1Mb / 3P
30A SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBL3060CT DYELEC-SBL3060CT Datasheet
1Mb / 4P
30A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com