Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS387FN2 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1SS387FN2
Description  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SS387FN2 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1SS387FN2 Datasheet HTML 1Page - Pan Jit International Inc. 1SS387FN2 Datasheet HTML 2Page - Pan Jit International Inc. 1SS387FN2 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-DEC.01.2009
STAD-APR.02.2010
1SS387FN2
ELECTRICAL CHARACTERISTICS (T
A
=25
O
C , unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TPY
MAX
UNITS
Maximum Forward Voltage
V
F
I F=1mA
I F=10mA
I F=100mA
-
0.62
0.75
0.98
0.715
0.855
1.2
V
Reverse Leakage Current
I R
VR=30V
VR=80V
-
0.1
0.5
μA
Maximum Total Capacitance
C
T
VR=0V, f=1MHz
-
0.5
pF
Maximum Reverse Recovery Time
t
rr
I F=10mA,I R=1mA
VR=6V,RL=100
Ω
-
1.6
ns
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
FIG. 4 POWER DERATING CURVE
FIG. 3 TYPICAL JUNCTION CAPACITANCE
0.2
0.1
1
10
100
1000
0.4
0.6
0.8
1.0
11
..
24
0
10
1.0
0.1
0.01
0.001
20
40
60
80
100
0
0
0
200
300
400
500
100
50
100
150
200
FORWARD VOLTAGE, VOLTS
T =125 C
J
O
T=50 C
J
O
T=25 C
J
O
AMBIENT TEMPERATURE( C)
O
T=75 C
J
O
0.7
0.6
0.5
0.4
0.3
0.2
0.1
10
20
30
40
50
60
70
80
25 C
O
C
O
100
REVERSE VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com