Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1830 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1830
Description  Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1830 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1830 Datasheet HTML 1Page - Sanyo Semicon Device LB1830 Datasheet HTML 2Page - Sanyo Semicon Device LB1830 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics at Ta=25 °C, VCC =6 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
ICC0
IN1=IN2=Vm=0V,VC = Vref at standby mode
0.1
10
µA
ICC1
Forward/reverse, control, load OPEN
2
3
mA
ICC2
Forward/reverse, saturation, load OPEN
3
5
mA
ICC3
Braking, load OPEN
5
8
mA
Output saturation voltage
Vsat1
IO = 40 mA (upper + lower)
0.2
0.3
V
Vsat2
IO = 80 mA (upper + lower)
0.4
0.6
V
Reference voltage
Vref
IVref = 1 mA
1.85
2.0
2.15
V
Voltage characteristics of
output voltage
∆VO
∆VCC
VO =5 V, VCC =5.5 to9V,IO =40mA
80
mV
Current characteristics of
output voltage
∆VO
∆ICC
VO =5 V, VCC =6V,IO =10to80mA
50
mV
Input current
IIN
VIN = 5 V
90
150
µA
Output voltage
VO
VC =2V
2.3
× VC
2.5
× VC
V
Equivalent Circuit Block Diagram
With specified board
Independent IC
Ambient temperature, Ta − °C
LB1830M
No.3518-2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com