Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70C Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS70C
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS70C Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS70C Datasheet HTML 1Page - Pan Jit International Inc. BAS70C Datasheet HTML 2Page - Pan Jit International Inc. BAS70C Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.2-FEB.10.2010
BAS70 SERIES
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
70 Volts
0.2 Amperes
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
Electrical identical standard JEDEC
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.008 gram
CURRENT
ABSOLUTE RATINGS
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Units
Reverse Voltage
VR
70
V
Peak Reverse Voltage
VRRM
70
V
Average Rectified Current at Temp=25OCI F(AV)0.2
A
Non-repetitive Peak Forward Surge Current at
t=1.0 s
I FSM
0.6
A
Parameter
Symbol
BAS70
BAS70A
BAS70C
BAS70S
Units
Marking code
-
A70
A72
A73
A74
-
Power Dissipation
PD
225
mW
Thermal Resistance , Junction to Ambient (Note 1)
R
θJA
556
OC/W
Operating Junction Temperature
TJ
-55 to 150
OC
Operating Storage Temperature
TSTG
-55 to 150
OC
Circuit Configuration
-
SINGLE
COMMON
ANODE
COMMON
CATHODE
SERIES
-
COMMON ANODE
SINGLE
COMMON CATHODE
SERIES
FIG.16
FIG.17
FIG.15
FIG.14
Note : 1.Mounted on min pad conditions using FR-4 PCB


Similar Part No. - BAS70C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS70C WTE-BAS70C Datasheet
63Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS70C PANJIT-BAS70C Datasheet
52Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Rectron Semiconductor
BAS70C RECTRON-BAS70C Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAS70C KEXIN-BAS70C Datasheet
787Kb / 2P
Schottky Diodes
logo
Won-Top Electronics
BAS70C WTE-BAS70C Datasheet
96Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
October, 2018
More results

Similar Description - BAS70C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS PANJIT-BAS100AS Datasheet
149Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com