Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70S Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS70S
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS70S Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS70S Datasheet HTML 1Page - Pan Jit International Inc. BAS70S Datasheet HTML 2Page - Pan Jit International Inc. BAS70S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.2-FEB.10.2010
BAS70 SERIES
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
FIG. 4 FORWARD CURRENT DERATING
FIG. 3 TYPICAL JUNCTION CAPACITANCE
0
200
300
400
100
50
100
150
200
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
REVERSE VOLTAGE, Volts
AMBIENT TEMPERATURE( C)
O
0
0
0.4
0.8
1.2
10
20
30
40
0
0
0.01
0.1
1.0
10
100
10
20
30
40
T=25 C
A
O
T=75 C
A
O
T =125 C
A
O
0
0.1
1.0
10
100
0.4
0.6
0.8
T=25 C
A
O
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS CURVE
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
Reverse Breakdown Voltage
V(BR)
I R=10 uA
70
--
--
V
Reverse Current
I R
VR=70 V
VR=50 V
--
--
1.0
0.1
μA
Forward Voltage
VF
I F=1.0mA
I F=10mA
I F=15mA
--
--
0.41
0.75
1.00
V
Maximum Junction Capacitance
CJ
VR=0V, f=1.0MHZ
--
--
2.0
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com