Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G4435SS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # G4435SS
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

G4435SS Datasheet(HTML) 5 Page - Diodes Incorporated

  G4435SS Datasheet HTML 1Page - Diodes Incorporated G4435SS Datasheet HTML 2Page - Diodes Incorporated G4435SS Datasheet HTML 3Page - Diodes Incorporated G4435SS Datasheet HTML 4Page - Diodes Incorporated G4435SS Datasheet HTML 5Page - Diodes Incorporated G4435SS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMG4435SSS
Document number: DS32041 Rev. 2 - 2
5 of 6
www.diodes.com
March 2010
© Diodes Incorporated
DMG4435SSS
Ordering Information (Note 7)
Part Number
Case
Packaging
DMG4435SSS-13
SO-8
2500 / Tape & Reel
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82
θ
0
°
8
°
All Dimensions in mm
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
G4435SS
YY WW
Logo
Part no.
Xth week: 01~53
Year: “09” = 2009
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X
C1
C2
Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com