Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70CDW Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS70CDW
Description  SURFACE MOUNT SCHOTTKY DIODE ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS70CDW Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS70CDW Datasheet HTML 1Page - Pan Jit International Inc. BAS70CDW Datasheet HTML 2Page - Pan Jit International Inc. BAS70CDW Datasheet HTML 3Page - Pan Jit International Inc. BAS70CDW Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS70TW/ADW/CDW/SDW
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
1
2
3
4
5
6
1
2
3
4
5
6
FEATURES
APPLICATIONS
MAXIMUM RATINGS (Per Diode)
Rating
Symbol
Value
Units
These devices feature electrically-isolated Schottky diodes connected
in various configurations housed in a very small SOT-363 (SC70-6L)
Maximum forward voltage @ 1.0mA of 0.41V
In compliance with EU RoHS 2002/95/EC directives
Maximum leakage current @ 50V of 100nA
Reverse voltage rating of 70V
Rail-to-rail ESD protection
Overshoot and undershoot switching control
Mobile phones and accessories
Video game consoles connector ports
Repetitive Peak Reverse Voltage
Continuous Reverse Voltage
Continuous Forward Current
Non-repetitive Peak Forward Current, t = 1sec, Square Wave
Total Power Dissipation (Note 1)
Operating Junction Temperature Range
Storage Temperature Range
8
9/1/2009
Page 1
www.panjit.com
70
V
V
70
mA
200
A
0.
6
225
mW
°C
-55 to +125
°C
-55 to +125
V
V
I
I
P
T
T
RRM
R
F
FSM
tot
stg
T = 25°C Unless otherwise noted
J
J
Note 1. FR-5 Board 1.0 x 0.75 x 0.062 in.
SOT- 363
THERMAL CHARACTERISTICS
Characteristic
Symbol
Units
thja
Thermal Resistance, Junction to Ambient
556
Value
R
°C/W
Marking Code: 70A
Various
Configurations
(See Diagrams
Below)
Marking Code: 70T
Marking Code: 70C
Marking Code: 70S
BAS70TW
BAS70ADW
BAS70CDW
BAS70SDW
12
3
6
54
12
3
6
54
Isolated Triple
12
3
6
54
12
3
6
54
12
3
6
54
12
3
6
54
Isolated Triple
12
3
6
54
12
3
6
54
12
3
6
54
12
3
6
54
Common Cathode
12
3
6
54
12
3
6
54
12
3
6
54
12
3
6
54
Common Anode
12
3
65
4
12
3
65
4
12
3
65
4
12
3
65
4
Series


Similar Part No. - BAS70CDW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70CDW PANJIT-BAS70CDW Datasheet
152Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
logo
Diotec Semiconductor
BAS70CDW DIOTEC-BAS70CDW Datasheet
219Kb / 2P
SMD Small Signal Diode Arrays
logo
Pan Jit International I...
BAS70CDW-AU PANJIT-BAS70CDW-AU Datasheet
273Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
August 15,2017-REV.00
BAS70CDW-AU_R1_000A1 PANJIT-BAS70CDW-AU_R1_000A1 Datasheet
273Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
August 15,2017-REV.00
logo
Chenmko Enterprise Co. ...
BAS70CDWPT CHENMKO-BAS70CDWPT Datasheet
156Kb / 2P
SCHOTTKY DIODE ARRAY VOLTAGE 70 Volts CURRENT 70 mAmperes
More results

Similar Description - BAS70CDW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TW PANJIT-BAS70TW Datasheet
152Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW Datasheet
80Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54STB-TB6 PANJIT-BAT54STB-TB6 Datasheet
124Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6 PANJIT-BAT54TB6 Datasheet
99Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_11 Datasheet
100Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU Datasheet
98Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54STB-TB6 PANJIT-BAT54STB-TB6_16 Datasheet
197Kb / 6P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6 PANJIT-BAT54TB6_16 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU_16 Datasheet
131Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_17 Datasheet
170Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com