Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS116WS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS116WS
Description  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS116WS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS116WS_09 Datasheet HTML 1Page - Pan Jit International Inc. BAS116WS_09 Datasheet HTML 2Page - Pan Jit International Inc. BAS116WS_09 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.2-APR.8.2009
DATA SHEET
BAS116WS
.078(1.95)
.038(.95)
.107(2.7)
.068(1.75)
.027(.70)
.090(2.3)
.012(.30)MIN.
SOD-323
Unit: inch (mm)
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
VOLTAGE
100 Volts
200mWatts
POWER
ABSOLUTE RATINGS (each diode)
NOTE:
1. FR-5 Board = 1.0 x 0.75 x 0.062 in.
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V R
5
7V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V RM
0
0
1V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
u
o
u
n
i
t
n
o
C
I F
2
.
0A
s
u
0
.
1
=
t
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
N
I FS M
0
.
4A
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
P TO T
0
0
2W
m
)
1
e
t
o
N
(
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θJA
5
2
6
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T J
0
5
1
o
t
5
5
-
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T ST G
0
5
1
o
t
5
5
-
O C
FEATURES
• Suface mount package ideally suited for automatic insertion.
• Very low leakage current. 2nA typical at VR=75V.
• Low capacitance. 2pF max at VR=0V, f=1MHz
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOD-323 plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx weight: 0.008 gram
• Marking: PA


Similar Part No. - BAS116WS_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116WS-AU PANJIT-BAS116WS-AU Datasheet
68Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU_R1_000A1 PANJIT-BAS116WS-AU_R1_000A1 Datasheet
68Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU_R2_000A1 PANJIT-BAS116WS-AU_R2_000A1 Datasheet
68Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAS116WS SECOS-BAS116WS_15 Datasheet
500Kb / 2P
Surface Mount Small Signal Switching Diode
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS_16 Datasheet
147Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
More results

Similar Description - BAS116WS_09

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDD6001 CENTRAL-CMDD6001 Datasheet
117Kb / 2P
SUPERminiTM SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMPD6001 CENTRAL-CMPD6001 Datasheet
229Kb / 2P
SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMDD3003 CENTRAL-CMDD3003 Datasheet
109Kb / 2P
SUPERmini SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS Datasheet
58Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMDD6001 CENTRAL-CMDD6001_10 Datasheet
367Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMOD3003 CENTRAL-CMOD3003_10 Datasheet
343Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS_16 Datasheet
147Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU PANJIT-BAS116WS-AU Datasheet
68Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAV170W PANJIT-BAV170W_16 Datasheet
159Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com