Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS521LP-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS521LP-7
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS521LP-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS521LP-7 Datasheet HTML 1Page - Diodes Incorporated BAS521LP-7 Datasheet HTML 2Page - Diodes Incorporated BAS521LP-7 Datasheet HTML 3Page - Diodes Incorporated BAS521LP-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS521LP
Document number: DS32176 Rev. 4 - 2
1 of 4
www.diodes.com
September 2010
© Diodes Incorporated
BAS521LP
HIGH VOLTAGE SWITCHING DIODE
Features
Fast Switching Speed: Maximum of 50 ns
High Reverse Breakdown Voltage: 325V
Low Leakage Current: Maximum of 50nA when VR = 5V or
Maximum of 150nA when VR = 250V at Room Temperature
Ultra Small Plastic SMD Package: 1.0mm x 0.6mm x 0.5mm
Lead, Halogen and Antimony Free, RoHS Compliant (Note 3)
"Green" Device (Note 4)
Mechanical Data
Case: DFN1006-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.0009 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
325
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
325
V
Forward Current (Note 2)
IF
400
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
μs
IFSM
8.0
A
Repetitive Peak Forward Current @ t=8.3ms (Note 2)
IFRM
3.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
400
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
312
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
300
V
IR = 100μA
Forward Voltage
VF
1.1
V
IF = 100mA
Reverse Current (Note 1)
IR
50
150
100
nA
nA
μA
VR = 5V
VR = 250V
VR = 250V, TJ = 150°C
Total Capacitance
CT
5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead. Halogen and Antimony Free.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Bottom View
1
2
Device Schematic


Similar Part No. - BAS521LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS521LP-7 DIODES-BAS521LP-7 Datasheet
87Kb / 4P
HIGH VOLTAGE SWITCHING DIODE
Rev erse
BAS521LP-7 DIODES-BAS521LP-7 Datasheet
120Kb / 4P
HIGH VOLTAGE SWITCHING DIODE
Rev erse
BAS521LP-7B DIODES-BAS521LP-7B Datasheet
87Kb / 4P
HIGH VOLTAGE SWITCHING DIODE
Rev erse
BAS521LP-7B DIODES-BAS521LP-7B Datasheet
120Kb / 4P
HIGH VOLTAGE SWITCHING DIODE
Rev erse
More results

Similar Description - BAS521LP-7

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com