Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX493TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FCX493TA
Description  SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX493TA Datasheet(HTML) 2 Page - Diodes Incorporated

  FCX493TA Datasheet HTML 1Page - Diodes Incorporated FCX493TA Datasheet HTML 2Page - Diodes Incorporated FCX493TA Datasheet HTML 3Page - Diodes Incorporated FCX493TA Datasheet HTML 4Page - Diodes Incorporated FCX493TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FCX493
SEMICO NDUC TORS
ISSUE 5 - OCTOBER 2005
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
100
V
Emitter-base voltage
VEBO
5V
Continuous collector current
IC
1A
Peak pulse current
ICM
2A
Base current
IB
200
mA
Power dissipation at Tamb=25°C
Ptot
1W
Operating and storage temperature range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS
Breakdown voltages
V(BR)CBO
120
V
IC=100µA
VCEO(sus)
100
V
IC=10mA*
V(BR)EBO
5V
IE=100µA
Collector cut-off currents
ICBO
100
nA
VCB=100V
ICES
100
nA
V
CES
=100V
Emitter cut-off current
IEBO
100
nA
VEB=4V
Collector-emitter
saturation voltage
VCE(sat)
0.3
0.6
V
V
IC=500mA, IB=50mA
IC=1A, IB=100mA
Base-emitter
saturation voltage
VBE(sat)
1.15
V
IC=1A, IB=100mA
Base-emitter
turn on voltage
VBE(on)
1.0
V
I
C
=1A, VCE=10V
Static forward current transfer
ratio
hFE
100
100
60
20
300
IC=1mA, VCE=10V*
IC=250mA, VCE=10V*
IC=500mA, VCE=10V*
IC=1A, VCE=10V*
Transition frequency
fT
150
MHz
IC=50mA, VCE=10V
f=100MHz
Output capacitance
Cobo
10
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com