Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1868 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1868
Description  Two-Phase Brushless Fan Motor Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1868 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1868 Datasheet HTML 1Page - Sanyo Semicon Device LB1868 Datasheet HTML 2Page - Sanyo Semicon Device LB1868 Datasheet HTML 3Page - Sanyo Semicon Device LB1868 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1868
No. 6202-2/4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
≤ 20 ms
200
mA
Maximum applied output voltage
VOUT max
Internal
V
Maximum output current
IOUT max
1.0
A
Current flowing into RD pin
IRD max
10
mA
RD applied voltage
VRD max
30
V
Allowable power dissipation
Pd max
1.1
W
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–55 to +150
°C
Allowable Operating Ranges at Ta = 25˚C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
ICC
6.0 to 50
mA
Common mode input voltage range
VICM
0.2 to VIN–1.5
V
Electrical Characteristics at Ta = 25˚C, Icc = 10 mA
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output limiter withstand voltage
VOLM1
Z1, Z2 open
54
57
60
V
VOLM2
Z1, Z2 short
31
33
35
V
Output saturation voltage
Vosat 1
Io = 0.5A
0.95
1.2
V
2
Io = 1.0A
0.15
1.5
V
VIN voltage
VIN
ICC = 7.0 mA
6.4
6.7
7.0
V
Hall input sensitivity (at zero peak)
VHN
Including offset and hysteresis
20
mV
RD output saturation voltage
VRDsat
IRD = 5 mA
0.1
0.3
V
CT drain current
IC1
C = GND
2.7
3.8
4.9
µA
CT discharge current
IC2
C = VIN
0.19
0.30
0.41
µA
Comp input threshold voltage
VTH1
0.77
0.8VIN
0.83
V
VTH2
0.42 0.45VIN
0.48
V
Thermal protection operating temperature
TSD
Design target value*
180
°C
Thermal protection circuit hysteresis
∆TSD
Design target value*
40
°C
* Design target values are not measured.
100
80
60
40
20
0
–20
–30
0
0. 1
0. 2
0. 3
0. 4
0. 5
0. 6
0. 7
0. 8
1. 1
1. 0
0. 9
Ambient temperature, Ta –
°C
Pd max – Ta



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com