Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX591ATA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX591ATA
Description  40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX591ATA Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX591ATA Datasheet HTML 1Page - Diodes Incorporated FCX591ATA Datasheet HTML 2Page - Diodes Incorporated FCX591ATA Datasheet HTML 3Page - Diodes Incorporated FCX591ATA Datasheet HTML 4Page - Diodes Incorporated FCX591ATA Datasheet HTML 5Page - Diodes Incorporated FCX591ATA Datasheet HTML 6Page - Diodes Incorporated FCX591ATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FCX591A
Datasheet Number: DS33062 Rev. 4 - 2
1 of 7
www.diodes.com
October 2010
© Diodes Incorporated
FCX591A
A Product Line of
Diodes Incorporated
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Features
•
V(BR)CEO > -40V
•
High current capability IC = -1A
•
Low saturation voltage VCE(sat) < -500mV @ -1A
•
Complementary NPN type: FCX491A
•
“Lead Free”, RoHS Compliant (Note 1)
Application
•
Power MOSFET gate driving
•
Low loss power switching
Mechanical Data
•
Case: SOT89
•
Moisture Sensitivity: Level 1 per J-STD-020
•
UL Flammability Rating 94V-0
•
Terminals: Matte Tin Finish
•
Weight: 0.052 grams (Approximate)
Ordering Information (Note 2)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FCX591ATA
P2
7
12mm
1000
FCX591A-7 (Note 3)
P2
7
12mm
1000
Notes:
1. No purposefully added lead.
2. For packaging details, go to our website at http://www.diodes.com.
3. Halogen and Antimony Free. “Green” devices, Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
Marking Information
Top View
SOT89
Device symbol
Pin-out Top
P2 = Product Type Marking Code
P2


Similar Part No. - FCX591ATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX591A ZETEX-FCX591A Datasheet
22Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FCX591A KEXIN-FCX591A Datasheet
35Kb / 2P
Medium Power Transistor
logo
Diodes Incorporated
FCX591AQ DIODES-FCX591AQ Datasheet
409Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 2
FCX591AQTA DIODES-FCX591AQTA Datasheet
409Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 2
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
More results

Similar Description - FCX591ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
DS33055 Rev. 4 - 2
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
NOVEMBER 1995
ZXTP2041F DIODES-ZXTP2041F Datasheet
221Kb / 6P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 6
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
40V PNP medium power transistor in SOT89
DECEMBER 2007
BCX51 DIODES-BCX51 Datasheet
132Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
BCX69 DIODES-BCX69_15 Datasheet
22Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1995
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX591AQ DIODES-FCX591AQ Datasheet
409Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 2
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com