Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS751-0WB3F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTS751-0WB3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-0WB3F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTS751-0WB3F Datasheet HTML 6Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 7Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 8Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 9Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 10Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 11Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 12Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 13Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
SMBus interface
STTS751
10/36
Doc ID 16483 Rev 5
3
SMBus interface
3.1
SMBus protocol
The STTS751 communicates over a 2-wire serial interface compatible with the SMBus
standard. Temperature data, alarm limits and configuration information are communicated
over the bus. A detailed timing diagram is shown below in Figure 5.
Figure 5.
SMBus timing diagram
The STTS751 supports standard SMBus protocols (see Table 4, 5, 6, and 7).
WRITE byte
READ byte
SEND byte
RECEIVE byte
Alert response address
PS
P
S - start condition
P - stop condition
TBUF
THD; STA
TLOW
TR
THIGH
THD; STA
TF
TSU:STO
TSU:STA
TSU:DAT
THD:DAT
S
SMCLK
SMDATA
AM03067v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com