Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS751-1WB3F Datasheet(PDF) 26 Page - STMicroelectronics

Part # STTS751-1WB3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-1WB3F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STTS751-1WB3F Datasheet HTML 22Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 23Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 24Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 25Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 26Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 27Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 28Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 29Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
DC and AC parameters
STTS751
26/36
Doc ID 16483 Rev 5
Table 28.
DC and AC characteristics
Symbol
Description
Test condition(1)
Min
Typ(2)
Max
Unit
VDD
Supply voltage
2.25
3.6
V
IDD
Operating current dependent upon
conversion rate
0.0625
conversions/second(3)
15
35
µA
1 conversion/second(3)
20
40
µA
8 conversions/second
50
85
µA
32 conversions/second
125
250
µA
ISB
Standby current
3
8
µA
Temperature measurement
Accuracy(4)
2.25 V to 3.6 V
0 °C to 85 °C
±1.0
±1.5
°C
–40 °C to +125 °C
±2.0
±2.5
°C
Resolution
STTS751 is programmable from 9 bits
to 12 bits (0.5 °C/LSB to 0.0625 °C)
9-bit
temperature data
0.5
°C/LSB
9bits
10-bit temperature data
(default)
0.25
°C/LSB
10
bits
11-bit temperature data
0.125
°C/LSB
11
bits
12-bit temperature data
0.0625
°C/LSB
12
bits
tCONV
Conversion time
9-bit
10.5
14
ms
10-bit (default)
21
28
ms
11-bit
42
56
ms
12-bit
84
112
ms
VOL
Low level output voltage
Addr/Therm, EVENT
IOL = 4 mA
0.4
V
IOH
High level output leakage current
EVENT, SDA, Addr/Therm
VOH = VDD
1µA
SMBus interface inputs (SDA, SCL)
VIH
Input logic high (SCL, SDA)
2.3 V
≤ VDD ≤ 3.6 V
0.7 x
VDD
V
VIL
Input logic low (SCL, SDA)
2.3 V
≤ VDD ≤ 3.6 V
0.3 x
VDD
V
IHI
Logical "1" input current
0 V
≤ VIN ≤ VDD
–1
1
µA
ILI
Logical "0" input current
0 V
≤ VIN ≤ VDD
–1
1
µA
CIN
Input capacitance (SDA)
5
pF
ISINK
SMBus output low sink current
SDA forced to 0.6 V
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com