Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS4150 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # LS4150
Description  FAST SWITCHING SURFACE MOUNT DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

LS4150 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  LS4150 Datasheet HTML 1Page - Pan Jit International Inc. LS4150 Datasheet HTML 2Page - Pan Jit International Inc. LS4150 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-FEB.06.2009
LS4150
FEATURES
• Fast switching Speed.
• Surface Mount Package Ideally Suited For Automatic Insertion.
• Silicon Epitaxal Planar Construction.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: QUADRD Melf, Glass
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: Cathode Band
• Marking: Cathode Band Only
• Weight: 0.03 grams
• Packing information
T/R - 2.5K per 7" plastic reel
T/R - 10K per 13” plastic reel
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
0
5
1
4
S
L
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V
R
0
5
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V
M
R
0
5
V
e
g
a
t
l
o
V
S
M
R
V
S
M
R
5
3
V
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
A
5
2
=
O
f
d
n
A
C>
z
H
0
5
I
)
V
A
(
F
0
0
2
A
m
T
d
n
a
s
1
<
t
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
S
J
5
2
=
O C
I
M
S
F
0
0
5
A
m
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
P
T
O
T
0
0
5
W
m
I
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
F
A
m
0
0
2
=
V
F
0
.
1
V
V
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
m
u
m
i
x
a
M
R
V
0
5
=
I
R
1
.
0
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
m
u
m
i
x
a
M
C
J
4
F
p
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
t
r
r
4
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
p
y
T
Rθ
A
J
0
5
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T
J T
,
S
5
7
1
+
o
t
5
6
-
O C
FAST SWITCHING SURFACE MOUNT DIODES
VOLTAGE
50 Volts
POWER
500 mWatts
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100
Ω
.020(0.5)
.020(0.5)
.012(0.3)
.012(0.3)
.130(3.3)
.146(3.7)
Unit : inch (mm)
QUADRO-MELF


Similar Part No. - LS4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4150 VISHAY-LS4150 Datasheet
52Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
LS4150 TRSYS-LS4150 Datasheet
143Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4150 GOOD-ARK-LS4150 Datasheet
94Kb / 2P
Fast Switching Diode
logo
Vishay Siliconix
LS4150 VISHAY-LS4150 Datasheet
95Kb / 4P
Small Signal Fast Switching Diode
14-Feb-12
logo
SUNMATE electronic Co.,...
LS4150 SUNMATE-LS4150 Datasheet
391Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODES
More results

Similar Description - LS4150

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
Surface Mount Fast Switching Diodes
logo
Diode Semiconductor Kor...
BAS16TW DSK-BAS16TW Datasheet
257Kb / 3P
Surface Mount Fast Switching Diodes
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
Surface Mount Fast Switching Diodes
BAV99S DSK-BAV99S Datasheet
233Kb / 3P
Surface Mount Fast Switching Diodes
logo
Galaxy Semi-Conductor H...
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com