Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3100 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MBR3100
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR3100 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MBR3100 Datasheet HTML 1Page - Pan Jit International Inc. MBR3100 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
August 18,2010-REV.01
MBR340 SERIES
0.3
0.4
0.5
0.6
0.7
0.8
10
1.0
0.1
0.1
1
10
100
1000
100
10
0
20
40
60
80
100
10
1
0.1
0.01
0.001
0.0001
1
10
100
80
64
48
32
16
0
8.3ms Single Half-Sine-Wave
(JEDEC Method) T = T
JJ(M AX)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
NUMBER OF CYCLES AT 60Hz
T = 125 C
J
o
T = 75 C
J
o
T = 25 C
J
o
T = 25 C
f = 1.0MHz
Vsig = 50mVp-p
J
O
V , REVERSE VOLTAGE (V)
R
PERCENT OF RATED PEAK REVERSE (%)
0.9
1.0
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
LEAD TEMPERATURE, C
O
3.0
2.5
1.5
0
.375" 9.5mmLEADLENGHTS
RESISTIVEORINDUCTIVELOAD
1.0
2.0
0
20406080
100
120
140
160
Fig.3-TYPICAL REVERSE CHARACTERISTIC
180
Fig.2- MAXIMUM NON-REPETITIVEPEAKFORWARD
SURGE CURRENT
Fig.5- TYPICAL TOTAL CHARACTERISTIC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com