Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4080ST Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MBR4080ST
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR4080ST Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MBR4080ST Datasheet HTML 1Page - Pan Jit International Inc. MBR4080ST Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
September 2,2010-REV.02
MBR4040ST SERIES
RATING AND CHARACTERISTIC CURVES
CASE TEMPERATURE, C
O
NO. OF CYCLE AT 60HZ
0
1
2
5
10
20
50
100
35
70
105
140
175
210
245
280
315
350
385
10
1.0
0.1
0.01
0.001
20
0
40
60
80
100
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
50
40
20
0
RESISTIVEORINDUCTIVE LOAD
10
30
0
25
50
75
100
125 150 175 200
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.2-MAXMUM NON-REPETITIVE SURGE
CURRENT
Fig.3-TYPICAL REVERSE CHARACTERISTIC
40V
45-100V
40-45V
50-100V
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE
,VOLTS
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T =125 C
J
O
T=75 C
J
O
T=25 C
J
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com