Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT591A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT591A
Description  SOT23 PNP silicon planar medium power transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT591A Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT591A Datasheet HTML 1Page - Diodes Incorporated FMMT591A Datasheet HTML 2Page - Diodes Incorporated FMMT591A Datasheet HTML 3Page - Diodes Incorporated FMMT591A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue 4 - August 2008
1
www.zetex.com
© Diodes Incorporated, 2008
www.diodes.com
A Product Line of
Diodes Incorporated
FMMT591A
SOT23 PNP silicon planar medium power transistor
Features
Low equivalent on resistance RCE(sat) = 350m at 1A
Part Marking Detail -91A
Complementary type -FMMT491A
Absolute maximum ratings.
Electrical characteristics (at Tamb = 25°C)
Parameter
Symbol
Value
Unit
Collector-Base voltage
VCBO
-40
V
Collector-Emitter voltage
VCEO
-40
V
Emitter-Base voltage
VEBO
-5
V
Peak pulse current
ICM
-2
A
Continuous Collector current
IC
-1
A
Base current
IB
-200
mA
Power dissipation at Tamb=25oC
Ptot
500
mW
Operating an storage temperature range
Tj ; TSTG
-55 to +150
°C
Parameter
Symbol
Min
Max
Unit
Conditions
Collector-Base breakdown voltage
V(BR)CBO
-40
V
IC=-100 A
Collector-Emitter breakdown voltage
V(BR)CEO
-40
V
IC=-10mA (*)
NOTES:
(*) Measured under pulse conditions. Pulse width=300 s. Duty cycle 2%
Emitter-Base breakdown voltage
V(BR)EBO
-5
V
IE=-100 A
Collector cut-off current
ICBO
-100
nA
VCB=-30V
Emitter cut-off current
IEBO
-100
nA
VEB=-4V
Collector-Emitter cut-off current
ICES
-100
nA
VCES=-30V
Collector-Emitter saturation voltage
VCE(sat)
-0.2
V
IC=-100mA, IB=-1mA(*)
-0.35
V
IC=-500mA, IB=-20mA(*)
-0.5
V
IC=-1A, IB=-100mA(*)
Base-Emitter saturation voltage
VBE(sat)
-1.1
V
IC=-1A, IB=-50mA(*)
Base-Emitter turn-on voltage
VBE(on)
-1.0
V
IC=-1A, VCE=-5V(*)
Static forward current transfer ratio
hFE
300
IC=-1mA,
300
800
IC=-100mA(*)
250
IC=-500mA(*), VCE=-5V
160
IC=-1A(*)
30
IC=-2A(*)
Transition frequency
fT
150
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output capacitance
Cobo
10
pF
VCB=-10V, f=1MHz


Similar Part No. - FMMT591A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT591A ZETEX-FMMT591A Datasheet
141Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT591A DIODES-FMMT591A Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
AUGUST 2008
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
AUGUST 2008
FMMT591ATC DIODES-FMMT591ATC Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
FMMT591A DIODES-FMMT591A_15 Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
More results

Similar Description - FMMT591A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT555 ZETEX-FMMT555_03 Datasheet
63Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM
JANUARY 1997
FMMTL718 DIODES-FMMTL718 Datasheet
75Kb / 3P
SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
DECEMBER 1997
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
AUGUST 2008
FMMT555TA DIODES-FMMT555TA Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT551 DIODES-FMMT551_15 Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT555 DIODES-FMMT555_15 Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com