Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT634 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT634
Description  ?쏶uperSOT??SOT23 NPN SILICON POWER DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT634 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT634 Datasheet HTML 1Page - Diodes Incorporated FMMT634 Datasheet HTML 2Page - Diodes Incorporated FMMT634 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
“SuperSOT” SOT23 NPN SILICON
POWER DARLINGTON TRANSISTOR
ISSUE 1 – APRIL 97
FEATURES
*
625mW POWER DISSIPATION
*
Highest current capability SOT23 Darlington
*
Very high hFE - specified at 2A (5K minimum)
- typically 600 at 5A
COMPLEMENTARY TYPE – FMMT734
PARTMARKING DETAIL – 634
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
12
V
Peak Pulse Current
ICM
5A
Continuous Collector Current
IC
900
mA
Power Dissipation
Ptot
625
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
* Maximum power dissipation is calculated assuming that the device is mounted on a ceramic
substrate measuring 15x15x0.6mm.
**Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%.
FMMT634
C
B
E
SOT23


Similar Part No. - FMMT634

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT634 ZETEX-FMMT634 Datasheet
104Kb / 3P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT634 KEXIN-FMMT634 Datasheet
37Kb / 2P
Power Darlington Transistor
logo
Diodes Incorporated
FMMT634 DIODES-FMMT634 Datasheet
296Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 2
FMMT634Q DIODES-FMMT634Q Datasheet
612Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
FMMT634QTA DIODES-FMMT634QTA Datasheet
612Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
More results

Similar Description - FMMT634

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
AUGUST 1996
FMMT614 DIODES-FMMT614 Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
APRIL 1996
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
FMMT614TC FAIRCHILD-FMMT614TC Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
FMMT614TA ETC2-FMMT614TA Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FMMT634Q DIODES-FMMT634Q_15 Datasheet
636Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 1
FMMT634 DIODES-FMMT634_15 Datasheet
623Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 3
MMBTA28 DIODES-MMBTA28_15 Datasheet
301Kb / 6P
80V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 10
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
FMMT634Q DIODES-FMMT634Q Datasheet
612Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com