Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT717 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT717
Description  SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT717 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT717 Datasheet HTML 1Page - Diodes Incorporated FMMT717 Datasheet HTML 2Page - Diodes Incorporated FMMT717 Datasheet HTML 3Page - Diodes Incorporated FMMT717 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SuperSOT
SOT23 PNP SILICON POWER
(SWITCHING) TRANSISTORS
ISSUE 3 JUNE 1996
FEATURES
* 625mW POWER DISSIPATION
*IC CONT 2.5A
*IC Up To 10A Peak Pulse Current
* Excellent hfe Characteristics Up To 10A (pulsed)
* Extremely Low Saturation Voltage E.g. 10mV Typ.
* Exhibits extremely low equivalent on-resistance; RCE(sat)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
FMMT
717
FMMT
718
FMMT
720
FMMT
722
FMMT
723
UNIT
Collector-Base Voltage
VCBO
-12
-20
-40
-70
-100
V
Collector-Emitter Voltage
VCEO
-12
-20
-40
-70
-100
V
Emitter-Base Voltage
VEBO
-5
-5
-5
-5
-5
V
Peak Pulse Current**
ICM
-10
-6
-4
-3
-2.5
A
Continuous Collector Current
IC
-2.5
-1.5
-1.5
-1.5
-1
A
Base Current
IB
-500
mA
Power Dissipation at Tamb=25°C* Ptot
625
mW
Operating and Storage
Temperature Range
Tj:Tstg
-55 to +150
°C
*Maximum power dissipation is calculated assuming that the device is mounted on a ceramic
substrate measuring 15x15x0.6mm
**Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for these devices
C
B
E
3 - 159
FMMT717 FMMT718
FMMT720 FMMT722
FMMT723
DEVICE TYPE
COMPLEMENT
PARTMARKING
RCE(sat)
FMMT717
FMMT617
717
72mΩ at 2.5A
FMMT718
FMMT618
718
97mΩ at 1.5A
FMMT720
FMMT619
720
163mΩ at 1.5A
FMMT722
–
722
-
FMMT723
FMMT624
723
-
DIM Millimeters
Inches
Min
Max
Min
Max
A
2.67
3.05
0.105 0.120
B
1.20
1.40
0.047 0.055
C
–
1.10
–
0.043
D
0.37
0.53
0.0145 0.021
F
0.085
0.15
0.0033 0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004 0.004
L
2.10
2.50
0.0825 0.0985
N
NOM 0.95
NOM 0.37
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161-627 5105 (Sales), (44)161-627 4963 (General Enquiries)
Fax: (44)161-627 5467
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1997
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Internet:
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any
product or service.


Similar Part No. - FMMT717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT717 ZETEX-FMMT717 Datasheet
355Kb / 4P
SILICON POWER (SWITCHING) TRANSISTORS
logo
Guangdong Kexin Industr...
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
Switching Transistor
logo
Diodes Incorporated
FMMT717 DIODES-FMMT717 Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
logo
Dongguan Pingjingsemi T...
FMMT717 PJSEMI-FMMT717 Datasheet
755Kb / 4P
PNP Transistor
logo
Diodes Incorporated
FMMT717QTA DIODES-FMMT717QTA Datasheet
294Kb / 7P
12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results

Similar Description - FMMT717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
List of Unclassifed Man...
BSS69 ETC-BSS69 Datasheet
34Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS69 ZETEX-BSS69 Datasheet
37Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
BSS82B ZETEX-BSS82B Datasheet
30Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549 Datasheet
131Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
OCTOBER 1995
FMMT718 DIODES-FMMT718 Datasheet
183Kb / 7P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTOR
DS31924 Rev. 2 - 2
FMMTA56 DIODES-FMMTA56 Datasheet
47Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 2001
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
MARCH 2000
FMMT723TA DIODES-FMMT723TA Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com