Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT6520 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT6520
Description  SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT6520 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT6520 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 2 - NOVEMBER 1995 7
FEATURES
* 350 Volt VCEO
* Gain of 15 at IC=-100mA
APPLICATIONS
* SUITABLE FOR AMPLIFIER AND SWITCHING PRODUCTS
COMPLEMENTARY TYPE FMMT6517
PARTMARKING DETAIL – 520
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-350
V
Collector-Emitter Voltage
VCEO
-350
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-500
mA
Power Dissipation at Tamb= 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
-350
V
IC=-100µA, IE=0
V(BR)CEO
-350
V
IC=-1mA, IB=0*
V(BR)EBO
-5
V
IE=-10µA, IC=0
Cut-Off Currents
ICBO
-50
nA
VCB=-250V, IE=0
IEBO
-50
nA
VEB=-3V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.3
-0.35
-0.5
-1.0
V
V
V
V
IC=-10mA, IB=-1mA*
IC=-20mA, IB=-2mA*
IC=-30mA, IB=-3mA*
IC=-50mA, IB=-5mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.75
-0.85
-0.90
V
V
V
IC=-10mA, IB=-1mA*
IC=-20mA, IB=-2mA*
IC=-30mA, IB=-3mA*
Base-Emitter Turn-On
Voltage
VBE(on)
-2.0
V
IC=-100mA, VCE=-10V*
Static Forward Current
Transfer Ratio
hFE
20
30
30
20
15
200
200
IC=-1mA, VCE=-10V
IC=-10mA, VCE=-10V*
IC=-30mA, VCE=-10V*
IC=-50mA, VCE=-10V*
IC=-100mA, VCE=-10V*
Output Capacitance
Cobo
6pF
VCB=20V, f=1MHz
Transition Frequency
fT
50
MHz
IC=-10mA, VCE=-20V,
f=20MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
FMMT6520
C
B
E
SOT23
3 - 172


Similar Part No. - FMMT6520

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
FMMT6520TA DIODES-FMMT6520TA Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
FMMT6520 DIODES-FMMT6520_15 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
More results

Similar Description - FMMT6520

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA93 ZETEX-FMMTA93 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 2001
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
FMMT597TA DIODES-FMMT597TA Datasheet
114Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
OCTOBER 1995
logo
Zetex Semiconductors
FMMTA92TA ZETEX-FMMTA92TA Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549_15 Datasheet
225Kb / 5P
30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 4
FMMT6520 DIODES-FMMT6520_15 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
FMMTA92 DIODES-FMMTA92_15 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 2001
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com