Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMTA42 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMTA42
Description  SOT23 NPN Silicon planar high voltage transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTA42 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMTA42 Datasheet HTML 1Page - Diodes Incorporated FMMTA42 Datasheet HTML 2Page - Diodes Incorporated FMMTA42 Datasheet HTML 3Page - Diodes Incorporated FMMTA42 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue 6 - December 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
FMMTA42
SOT23 NPN Silicon planar high voltage transistor
Device marking
FMMTA42 - 3E
Complementary types
FMMTA92
Absolute maximum ratings
Electrical characteristics (at Tamb = 25°C).
Parameter
Symbol
FMMTA42
Unit
Collector-base voltage
VCBO
300
V
Collector-emitter voltage
VCEO
300
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
IC
200
mA
Power dissipation at Tamb=25°C
Ptot
330
mW
Operating and storage temperature range
Tj:Tstg
-55 to +150
°C
Parameter
Symbol
Min.
Max.
Unit
Conditions
Collector-base breakdown
voltage
V(BR)CBO
300
V
IC=100µA, IE=0
Collector-emitter breakdown
voltage
V(BR)CEO
300
V
IC=1mA, IB=0 (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
≤ 300µs; duty cycle ≤ 2%.
Emitter-base breakdown
voltage
V(BR)EBO
6
V
IE=100µA, IC=0
Collector cut-off current
ICBO
0.1
µA
VCB=200V, IE=0
µA
VCB=160V, IE=0
Emitter cut-off current
IEBO
0.1
µA
VEB=6V, IC=0
µA
VEB=4V, IC=0
Collector-emitter saturation
voltage
VCE(sat)
0.5
V
IC=20mA, IB=2mA(*)
Base-emitter saturation
voltage
VBE(sat)
0.9
V
IC=20mA, IB=2mA(*)
Static forward
current transfer
ratio
hFE
25
IC=1mA, VCE=10V(*)
40
IC=10mA, VCE=10V(*)
40
IC=30mA, VCE=10V(*)
Transition frequency
fT
50
MHz
IC=10mA, VCE=20V
f=20MHz
Output capacitance
Cobo
6
pF
VCB=20V, f=1MHz


Similar Part No. - FMMTA42

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA42 ZETEX-FMMTA42 Datasheet
37Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
FMMTA42 ZETEX-FMMTA42 Datasheet
40Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
logo
Diodes Incorporated
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
FMMTA42 SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 7
More results

Similar Description - FMMTA42

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS64 ZETEX-BSS64 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT497 ZETEX-FMMT497_06 Datasheet
158Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
79Kb / 2P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
APRIL 2002
FMMT497 DIODES-FMMT497 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high
November 2006
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
FMMTA42 SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Fairchild Semiconductor
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
FMMT6517TA ETC2-FMMT6517TA Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497_15 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
NOVEMBER 2006
FMMT6517 DIODES-FMMT6517_15 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com