Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1975 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1975
Description  DC Fan Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1975 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1975 Datasheet HTML 1Page - Sanyo Semicon Device LB1975 Datasheet HTML 2Page - Sanyo Semicon Device LB1975 Datasheet HTML 3Page - Sanyo Semicon Device LB1975 Datasheet HTML 4Page - Sanyo Semicon Device LB1975 Datasheet HTML 5Page - Sanyo Semicon Device LB1975 Datasheet HTML 6Page - Sanyo Semicon Device LB1975 Datasheet HTML 7Page - Sanyo Semicon Device LB1975 Datasheet HTML 8Page - Sanyo Semicon Device LB1975 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
No. 6087-2/12
LB1975
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
7
V
VM max
45
V
Output current
IO max
2.5
A
Maximum input current
IREG max
VREG pin
10
mA
Allowable power dissipation
Pd max1
IC only
3
W
Pd max2
With infinite heat sink
20
W
Operating temperature
Topr
–20 to +100
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VCC
4.5 to 6.7
V
VM
20 to 42
V
Input current range
IREG
VREG pin
1 to 5
mA
FG pin applied voltage
VFG
0 to VCC
V
FG pin output current
IFG
0 to 10
mA
Allowable Operating Ranges at Ta = 25°C
3
0
4
8
12
16
20
24
–20
0
20
40
60
80
100
120
Pd max – Ta
Ambient temperature, Ta – ˚C
With infinite heat sink
Independent IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com