Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8220ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8220ARMZ
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8220ARMZ Datasheet HTML 2Page - Analog Devices AD8220ARMZ Datasheet HTML 3Page - Analog Devices AD8220ARMZ Datasheet HTML 4Page - Analog Devices AD8220ARMZ Datasheet HTML 5Page - Analog Devices AD8220ARMZ Datasheet HTML 6Page - Analog Devices AD8220ARMZ Datasheet HTML 7Page - Analog Devices AD8220ARMZ Datasheet HTML 8Page - Analog Devices AD8220ARMZ Datasheet HTML 9Page - Analog Devices AD8220ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8220
Rev. B | Page 6 of 28
A Grade
B Grade
W Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CURRENT
Input Bias Current
TA
25
10
25
pA
Over Temperature
TOPR
0.3
0.3
100
nA
Input Offset Current
TA
2
0.6
2
pA
Over Temperature
TOPR
0.005
0.005
10
nA
DYNAMIC RESPONSE
TA
Small Signal Bandwidth,
−3 dB
G = 1
1500
1500
1500
kHz
G = 10
800
800
800
kHz
G = 100
120
120
120
kHz
G = 1000
14
14
14
kHz
Settling Time 0.01%
TA
G = 1
3 V step
2.5
2.5
2.5
μs
G = 10
4 V step
2.5
2.5
2.5
μs
G = 100
4 V step
7.5
7.5
7.5
μs
G = 1000
4 V step
30
30
30
μs
Settling Time 0.001%
TA
G = 1
3 V step
3.5
3.5
3.5
μs
G = 10
4 V step
3.5
3.5
3.5
μs
G = 100
4 V step
8.5
8.5
8.5
μs
G = 1000
4 V step
37
37
37
μs
Slew Rate
G = 1 to 100
TA
2
2
2
V/μs
GAIN
G = 1 + (49.4 kΩ/RG),
TA for A, B grades,
TOPR for W grade
Gain Range
1
1000
1
1000
1
1000
V/V
Gain Error
VOUT = 0.3 V to 2.9 V for
G = 1, VOUT = 0.3 V to
3.8 V for G > 1
G = 1
−0.06
+0.06
−0.04
+0.04
−0.1
+0.1
%
G = 10
−0.3
+0.3
−0.2
+0.2
−0.8
+0.8
%
G = 100
−0.3
+0.3
−0.2
+0.2
−0.8
+0.8
%
G = 1000
−0.3
+0.3
−0.2
+0.2
−0.8
+0.8
%
Nonlinearity
VOUT = 0.3 V to 2.9 V for
G = 1, VOUT = 0.3 V to
3.8 V for G > 1, TA
G = 1
RL = 10 kΩ
35
50
35
50
50
ppm
G = 10
RL = 10 kΩ
35
50
35
50
50
ppm
G = 100
RL = 10 kΩ
50
75
50
75
75
ppm
G = 1000
RL = 10 kΩ
650
750
650
750
750
ppm
G = 1
RL = 2 kΩ
35
50
35
50
50
ppm
G = 10
RL = 2 kΩ
35
50
35
50
50
ppm
G = 100
RL = 2 kΩ
50
75
50
75
75
ppm
Gain vs. Temperature
G = 1
3
10
2
5
3
10
ppm/°C
G > 10
−50
−50
−50
ppm/°C
INPUT
Impedance (Pin to
Ground)2
TA
104||6
104||6
104||6
GΩ||pF
Input Voltage Range3
TA
−0.1
+VS −
2
−0.1
+VS −
2
V
Over Temperature
TOPR
−0.1
+VS −
2.1
−0.1
+VS −
2.1
−0.1
+VS −
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com