Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD623ARZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD623ARZ
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623ARZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD623ARZ Datasheet HTML 11Page - Analog Devices AD623ARZ Datasheet HTML 12Page - Analog Devices AD623ARZ Datasheet HTML 13Page - Analog Devices AD623ARZ Datasheet HTML 14Page - Analog Devices AD623ARZ Datasheet HTML 15Page - Analog Devices AD623ARZ Datasheet HTML 16Page - Analog Devices AD623ARZ Datasheet HTML 17Page - Analog Devices AD623ARZ Datasheet HTML 18Page - Analog Devices AD623ARZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD623
Rev. D | Page 15 of 24
THEORY OF OPERATION
The AD623 is an instrumentation amplifier based on a modified
classic 3-op-amp approach, to assure single or dual supply
operation even at common-mode voltages at the negative
supply rail. Low voltage offsets, input and output, as well as
absolute gain accuracy, and one external resistor to set the
gain, make the AD623 one of the most versatile instrumentation
amplifiers in its class.
The input signal is applied to PNP transistors acting as voltage
buffers and providing a common-mode signal to the input
amplifiers (see Figure 41). An absolute value 50 kΩ resistor in
each amplifier feedback assures gain programmability.
The differential output is
C
G
O
V
R
V
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
kΩ
100
1
The differential voltage is then converted to a single-ended
voltage using the output amplifier, which also rejects any
common-mode signal at the output of the input amplifiers.
Because the amplifiers can swing to either supply rail, as well as
have their common-mode range extended to below the negative
supply rail, the range over which the AD623 can operate is further
enhanced (see Figure 20 and Figure 21).
The output voltage at Pin 6 is measured with respect to the
potential at Pin 5. The impedance of the reference pin is 100 kΩ;
therefore, in applications requiring V/I conversion, a small
resistor between Pin 5 and Pin 6 is all that is needed.
POSITIVE SUPPLY
7
4
INVERTING
2
7
4
NEGATIVE SUPPLY
NONINVERTING
3
50kΩ
50kΩ
50kΩ
50kΩ
50kΩ
50kΩ
OTUPUT
6
REF
5
8
1
GAIN
Figure 41. Simplified Schematic
Note that the bandwidth of the in-amp decreases as gain is
increased. This occurs because the internal op-amps are the
standard voltage feedback design. At unity gain, the output
amplifier limits the bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com