Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8222HBCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8222HBCPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222HBCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8222HBCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 21Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 22Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8222
Rev. A | Page 19 of 24
APPLICATIONS INFORMATION
DIFFERENTIAL OUTPUT
The differential configuration of the AD8222 has the same
excellent dc precision specifications as the single-ended output
configuration and is recommended for applications in the
frequency range of dc to 100 kHz.
The circuit configuration is shown in Figure 49. The differential
output specifications in Table 2 and Table 4 refer to this configura-
tion only. The circuit includes an RC filter that maintains the
stability of the loop.
The transfer function for the differential output is:
VDIFF_OUT = V+OUT − V−OUT = (V+IN − V−IN) × G
where
G
R
G
49.4
1 
+IN
–IN
+
AD8222
AD8222
+OUT
100pF
–OUT
+IN2
REF2
10kΩ
RG
Figure 49. Differential Circuit Schematic
Setting the Common-Mode Voltage
The output common-mode voltage is set by the average of +IN2
and REF2. The transfer function is
VCM_OUT = (V+OUT + V−OUT)/2 = (V+IN2 + VREF2)/2
+IN2 and REF2 have different properties that allow the
reference voltage to be easily set for a wide variety of applications.
+IN2 has high impedance but cannot swing to the supply rails
of the part. REF2 must be driven with a low impedance but can
go 300 mV beyond the supply rails.
A common application sets the common-mode output voltage
to the midscale of a differential ADC. In this case, the ADC
reference voltage is sent to the +IN2 terminal, and ground is
connected to the REF2 terminal. This produces a common-mode
output voltage of half the ADC reference voltage.
2-Channel Differential Output Using a Dual Op Amp
Another differential output topology is shown in Figure 50.
Instead of a second in-amp, ½ of a dual OP2177 op amp creates
the inverted output. Because the OP2177 is packaged in an
MSOP, this configuration allows the creation of a dual channel,
precision differential output in-amp with little board area.
Errors from the op amp are common to both outputs and are
thus common mode. Errors from mismatched resistors also
create a common-mode dc offset. Because these errors are
common mode, they will likely be rejected by the next device
in the signal chain.
+IN
–IN
REF
AD8222
VREF
4.99kΩ
+
OP2177
+OUT
–OUT
4.99kΩ
Figure 50. Differential Output Using Op Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com