Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8226ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8226ARMZ
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8226ARMZ Datasheet HTML 15Page - Analog Devices AD8226ARMZ Datasheet HTML 16Page - Analog Devices AD8226ARMZ Datasheet HTML 17Page - Analog Devices AD8226ARMZ Datasheet HTML 18Page - Analog Devices AD8226ARMZ Datasheet HTML 19Page - Analog Devices AD8226ARMZ Datasheet HTML 20Page - Analog Devices AD8226ARMZ Datasheet HTML 21Page - Analog Devices AD8226ARMZ Datasheet HTML 22Page - Analog Devices AD8226ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8226
Rev. A | Page 19 of 28
THEORY OF OPERATION
A3
R2
24.7k
Ω
R1
24.7k
Ω
A1
A2
Q2
Q1
–IN
+IN
+VS
–VS
R3
50k
Ω
R4
50k
Ω
R5
50k
Ω
RB
RB
+VS
–VS
VOUT
REF
NODE 1
NODE 2
RG
VBIAS
+VS
–VS
+VS
–VS
NODE 4
NODE 3
R6
50k
Ω
DIFFERENCE
AMPLIFIER STAGE
GAIN STAGE
ESD AND
OVERVOLTAGE
PROTECTION
ESD AND
OVERVOLTAGE
PROTECTION
–VS
Figure 58. Simplified Schematic
ARCHITECTURE
The AD8226 is based on the classic 3-op-amp topology. This
topology has two stages: a preamplifier to provide differential
amplification, followed by a difference amplifier to remove the
common-mode voltage. Figure 58 shows a simplified schematic
of the AD8226.
The first stage works as follows: in order to maintain a constant
voltage across the bias resistor RB, A1 must keep Node 3 a con-
stant diode drop above the positive input voltage. Similarly, A2
keeps Node 4 at a constant diode drop above the negative input
voltage. Therefore, a replica of the differential input voltage is
placed across the gain-setting resistor, RG. The current that
flows across this resistance must also flow through the R1
and R2 resistors, creating a gained differential signal between
the A2 and A1 outputs. Note that, in addition to a gained
differential signal, the original common-mode signal, shifted
a diode drop up, is also still present.
The second stage is a difference amplifier, composed of A3 and
four 50 kΩ resistors. The purpose of this stage is to remove the
common-mode signal from the amplified differential signal.
The transfer function of the AD8226 is
VOUT = G(VIN+ − VIN−) + VREF
where:
G
R
G
kΩ
49.4
1 +
=
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8226, which can be calculated by referring to Table 7 or by
using the following gain equation:
1
kΩ
49.4
−
=
G
R
G
Table 7. Gains Achieved Using 1% Resistors
1% Standard Table Value of RG (Ω)
Calculated Gain
49.9 k
1.990
12.4 k
4.984
5.49 k
9.998
2.61 k
19.93
1.00 k
50.40
499
100.0
249
199.4
100
495.0
49.9
991.0
The AD8226 defaults to G = 1 when no gain resistor is used.
The tolerance and gain drift of the RG resistor should be added
to the AD8226 specifications to determine the total gain accu-
racy of the system. When the gain resistor is not used, gain
error and gain drift are minimal.
If a gain of 5 is required and minimal gain drift is important,
consider using the AD8227. The AD8227 has a default gain of 5
that is set with internal resistors. Because all resistors are internal,
the gain drift is extremely low (<5 ppm/°C maximum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com