Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8226BRMZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8226BRMZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226BRMZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8226BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 20Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 21Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 22Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 23Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8226
Rev. A | Page 20 of 28
REFERENCE TERMINAL
The output voltage of the AD8226 is developed with respect to
the potential on the reference terminal. This is useful when the
output signal needs to be offset to a precise midsupply level. For
example, a voltage source can be tied to the REF pin to level-
shift the output so that the AD8226 can drive a single-supply
ADC. The REF pin is protected with ESD diodes and should
not exceed either +VS or −VS by more than 0.3 V.
For the best performance, source impedance to the REF
terminal should be kept below 2 Ω. As shown in Figure 58,
the reference terminal, REF, is at one end of a 50 kΩ resistor.
Additional impedance at the REF terminal adds to this 50 kΩ
resistor and results in amplification of the signal connected to
the positive input. The amplification from the additional RREF
can be computed by 2(50 kΩ + RREF)/(100 kΩ + RREF).
Only the positive signal path is amplified; the negative path
is unaffected. This uneven amplification degrades CMRR.
INCORRECT
V
CORRECT
AD8226
OP1177
+
V
REF
AD8226
REF
Figure 59. Driving the Reference Pin
INPUT VOLTAGE RANGE
Figure 9 through Figure 15 and Figure 18 show the allowable
common-mode input voltage ranges for various output voltages
and supply voltages. The 3-op-amp architecture of the AD8226
applies gain in the first stage before removing common-mode
voltage with the difference amplifier stage. Internal nodes between
the first and second stages (Node 1 and Node 2 in Figure 58)
experience a combination of a gained signal, a common-mode
signal, and a diode drop. This combined signal can be limited
by the voltage supplies even when the individual input and
output signals are not limited.
For most applications, Figure 9 through Figure 15 and Figure 18
provide sufficient information to achieve a good design. For
applications where a more detailed understanding is needed,
Equation 1 to Equation 3 can be used to understand how the
gain (G), common-mode input voltage (VCM), differential input
voltage (VDIFF), and reference voltage (VREF) interact. The values for
the constants, V−LIMIT, V+LIMIT, and VREF_LIMIT, are shown in Table 8.
These three formulas, along with the input and output range
specifications in Table 2 and Table 3, set the operating boundaries
of the part.
LIMIT
S
DIFF
CM
V
V
G
V
V
+
>
2
)
)(
(
(1)
LIMIT
S
DIFF
CM
V
V
G
V
V
+
+
<
+
2
)
)(
(
(2)
LIMIT
REF
S
REF
CM
DIFF
V
V
V
V
G
V
_
2
2
)
)(
(
+
<
+
+
(3)
Table 8. Input Voltage Range Constants for Various
Temperatures
Temperature
V−LIMIT
V+LIMIT
VREF_LIMIT
−40°C
−0.55 V
0.8 V
1.3 V
+25°C
−0.35 V
0.7 V
1.15 V
+85°C
−0.15 V
0.65 V
1.05 V
+125°C
−0.05 V
0.6 V
0.9 V
Performance Across Temperature
The common-mode input range shifts upward with temper-
ature. At cold temperatures, the part requires extra headroom
from the positive supply, and operation near the negative supply
has more margin. Conversely, hot temperatures require less
headroom from the positive supply, but are the worst-case
conditions for input voltages near the negative supply.
Recommendation for Best Performance
A typical part functions up to the boundaries described in this
section. However, for best performance, designing with a few
hundred millivolts extra margin is recommended. As signals
approach the boundary, internal transistors begin to saturate,
which can affect frequency and linearity performance.
If the application requirements exceed the boundaries, one
solution is to apply less gain with the AD8226, and then apply
additional gain later in the signal chain. Another option is to
use the pin-compatible AD8227.
LAYOUT
To ensure optimum performance of the AD8226 at the PCB
level, care must be taken in the design of the board layout.
The AD8226 pins are arranged in a logical manner to aid in
this task.
8
7
6
5
1
2
3
4
–IN
RG
RG
+VS
VOUT
REF
–VS
+IN
TOP VIEW
(Not to Scale)
AD8226
Figure 60. Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com