Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1999M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1999M
Description  Three-Phase Brushless Motor Driver for VCR Capstan Motors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1999M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1999M Datasheet HTML 1Page - Sanyo Semicon Device LB1999M Datasheet HTML 2Page - Sanyo Semicon Device LB1999M Datasheet HTML 3Page - Sanyo Semicon Device LB1999M Datasheet HTML 4Page - Sanyo Semicon Device LB1999M Datasheet HTML 5Page - Sanyo Semicon Device LB1999M Datasheet HTML 6Page - Sanyo Semicon Device LB1999M Datasheet HTML 7Page - Sanyo Semicon Device LB1999M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Control Function and Current Limiter Function
Pin Descriptions
No. 5975-4/8
LB1999M
Control Characteristics
Control Limiter Characteristics
Slope: 0.50 A/V (typical)
Pin No.
Pin
Function
Equivalent circuit
Input used when the FG amplifier is used as an inverting
input. A feedback resistor must be connected between FGOUT
and this pin.
3
FGIN+
Noninverting input used when the FG amplifier is used as a
differential input amplifier. No bias is applied internally.
4
FGIN
FG amplifier output. There is an internal resistive load.
5
FGOUT
Control reference voltage. While this pin is set to about
0.43
× VCC internally, this voltage can be modified by
applying a voltage from a low-impedance circuit.
(The input impedance is about 4.3 k
Ω).
6
FGS
Speed control loop frequency characteristics correction.
9
FC
Speed control input. The control implemented is fixed current
drive controlled by current feedback from Rf.
Gm = 0.58/V (typical) when Rf = 0.5
Ω.
7
CTL
Current limiter function control. The output current can be
varied linearly by applying a voltage to this pin.
The slope is 0.5 A/V (typical) when Rf = 0.5
Ω.
8
LIM
U phase Hall element inputs.
Logic high is defined as states where IN+ > IN–.
10
11
UIN+
UIN
V phase Hall element inputs.
Logic high is defined as states where IN+ > IN–.
12
13
VIN+
VIN
W phase Hall element inputs.
Logic high is defined as states where IN+ > IN–.
14
15
WIN+
WIN
Power supply for all internal blocks other than the output
block. This voltage must be stabilized so that noise and ripple
do not enter the IC.
16
VCC
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com