Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJUSBLC6-2 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJUSBLC6-2
Description  Low Capacitance TVS and Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJUSBLC6-2 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJUSBLC6-2_08 Datasheet HTML 1Page - Pan Jit International Inc. PJUSBLC6-2_08 Datasheet HTML 2Page - Pan Jit International Inc. PJUSBLC6-2_08 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PJUSBLC6-2
Low Capacitance TVS and Diode Array
SPECIFICATION FEATURES
APPLICATIONS
MAXIMUM RATINGS
Rating
Symbol
Value
Units
This diode array is configured to protect up to two data transmission lines
acting as a line terminator, minimizing overshoot and undershoot conditions
due to bus impedance as well as protect against over-voltage events as
electrostatic discharges. Additionaly the TVS Device offers overvoltage
transient protection between the operating voltage bus and ground plane.
Maximum Capacitance of 4.0pF at 0Vdc 1MHz Line-to-Ground
Industry Standard SMT Package SOT23-6L
Maximum Leakage Current of 5µA @ VRWM
USB 2.0 and Firewire Port Protection
LAN/WLAN Access Point terminals
Peak Pulse Power (8/20µs Waveform)
Peak Pulse Current (8/20µs Waveform)
Operating Junction Temperature Range
Storage Temperature Range
Soldering Temperature, t max = 10s
4/15/2008
Page 1
www.panjit.com
350
W
A
17.5
°C
-55 to +125
°C
-55 to +150
°C
260
P
I
T
T
T
PPM
L
PP
stg
Tj = 25°C Unless otherwise noted
Peak Power Dissipation of 350W 8/20µs
Video Signal line protection
IEC61000-4-2, IEC61000-4-4 and IEC61000-4-5 Full Compliance
SOT23-6L
100% Tin Matte finish (LEAD-FREE PRODUCT)
I C Bus Protection
2
J
GND
2
3
4
1
VREF
I/O1
I/O2
I/O2
I/O1
5
6


Similar Part No. - PJUSBLC6-2_08

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSBLC6-2W6 PANJIT-PJUSBLC6-2W6 Datasheet
522Kb / 5P
LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - PJUSBLC6-2_08

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSR05 PANJIT-PJSR05 Datasheet
71Kb / 3P
Low Capacitance TVS and Diode Array
PJSRV05-4 PANJIT-PJSRV05-4 Datasheet
67Kb / 3P
Low Capacitance TVS and Diode Array
PJUSBLC6-2 PANJIT-PJUSBLC6-2 Datasheet
55Kb / 3P
Low Capacitance TVS and Diode Array
PJSR05 PANJIT-PJSR05_06 Datasheet
168Kb / 3P
Low Capacitance TVS and Diode Array
PJSR12 PANJIT-PJSR12 Datasheet
163Kb / 3P
Low Capacitance TVS and Diode Array
PJSRV05-4 PANJIT-PJSRV05-4_06 Datasheet
595Kb / 4P
Low Capacitance TVS and Diode Array
PJSRV05W-4 PANJIT-PJSRV05W-4 Datasheet
95Kb / 3P
Low Capacitance TVS and Diode Array
PJSRV05W-4 PANJIT-PJSRV05W-4_06 Datasheet
587Kb / 4P
Low Capacitance TVS and Diode Array
PJSR05TB4 PANJIT-PJSR05TB4 Datasheet
160Kb / 3P
LOW CAPACITANCE TVS AND DIODE ARRAY
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com