Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM339M Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # LM339M
Description  Quadruple Differential Compara tors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM339M Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  LM339M Datasheet HTML 1Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quadruple Differential Comparators
2
PAD LOCATION LM339M
Chip Size: 0.92 x 0.90 mm2
PAD LOCATION COORDINATES
Coordinates, mkm
Pad N
Pad
Name
Pad size
(
µm × µm)
X
Y
1
#1 OUT
95 x 95
112
353
2
#2 OUT
95 x 95
112
112
3
VCC
95 x 95
267
112
4
#2 IN–
95 x 95
422
112
5
#2 IN+
95 x 95
633
112
6
#1 IN-
95 x 95
807
161
7
#1 IN+
95 x 95
807
372
8
#3 IN-
95 x 95
807
527
9
#3 IN+
95 x 95
807
738
10
#4 IN-
95 x 95
633
787
11
#4 IN+
95 x 95
422
787
12
GND
95 x 95
267
787
13
#4 OUT
95 x 95
112
787
14
#3 OUT
95 x 95
112
546
LM339M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com