Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358M Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # LM358M
Description  Dual Operational Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM358M Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  LM358M Datasheet HTML 1Page - Estek Electronics Co. Ltd LM358M Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dual Operational Amplifiers
2
PAD LOCATION LM358M
Chip Size: 0.8 x 0.95 mm
2
PAD LOCATION COORDINATES
Coordinates,
µm
Pad N
Pad
Name
Pad size
(
µm × µm)
X
Y
1
#1 OUT
95 x 95
657,5
807,5
2
#1 IN-
95 x 95
116,5
831,5
3
#1 IN+
95 x 95
116,5
660,5
4
GND
95 x 95
116,5
475
5
#2 IN+
95 x 95
116,5
289,5
6
#2 IN-
95 x 95
116,5
118,5
7
#2 OUT
95 x 95
657,5
142,5
8
VCC
95 x 95
687,5
474,5
6
5
4
3
2
1
8
7
LM358M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com